Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS9034PCX Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS9034PCX
Description  256K NV Y2KC Timekeeping RAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9034PCX Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS9034PCX Datasheet HTML 1Page - Dallas Semiconductor DS9034PCX Datasheet HTML 2Page - Dallas Semiconductor DS9034PCX Datasheet HTML 3Page - Dallas Semiconductor DS9034PCX Datasheet HTML 4Page - Dallas Semiconductor DS9034PCX Datasheet HTML 5Page - Dallas Semiconductor DS9034PCX Datasheet HTML 6Page - Dallas Semiconductor DS9034PCX Datasheet HTML 7Page - Dallas Semiconductor DS9034PCX Datasheet HTML 8Page - Dallas Semiconductor DS9034PCX Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
DS1554
2 of 21
ORDERING INFORMATION
DS1554P-XXX
(5-Volt)
-70
70 ns access
-100
100 ns access
blank 32-pin DIP Module
P
34-pin PowerCap Module
board*
*DS1554WP-XXX
(3.3 Volt)
-120
120 ns access
-150
150 ns access
blank 32-pin DIP Module
P
34-pin PowerCap Module
board*
*DS9034PCX (PowerCap) Required:
must be ordered seperately
PIN DESCRIPTION
A0-A14
- Address Input
DQ0-DQ7
- Data Input/Outputs
IRQ
\FT
- Interrupt, Frequency Test Output
(Open Drain)
RST
- Power-On Reset Output
(Open Drain)
CE
- Chip Enable
OE
- Output Enable
WE
- Write Enable
VCC
- Power Supply Input
GND
- Ground
NC
- No Connection
X1, X2
- Crystal Connection
VBAT
- Battery Connection
DESCRIPTION
The DS1554 is a full function, year 2000-compliant (Y2KC), real-time clock/calendar (RTC) with a RTC
alarm, watchdog timer, power-on reset, battery monitor, and 32k x 8 non-volatile static RAM. User
access to all registers within the DS1554 is accomplished with a bytewide interface as shown in Figure 1.
The RTC Registers contain century, year, month, date, day, hours, minutes, and seconds data in 24-hour
BCD format. Corrections for day of month and leap year are made automatically.
The RTC Registers are double-buffered into an internal and external set. The user has direct access to the
external set. Clock/calendar updates to the external set of registers can be disabled and enabled to allow
the user to access static data. Assuming the internal oscillator is turned on, the internal set of registers are
continuously updated; this occurs regardless of external registers settings to guarantee that accurate RTC
information is always maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com