Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1644LPM Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1644LPM
Description  Nonvolatile Timekeeping RAM?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1644LPM Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1644LPM Datasheet HTML 1Page - Dallas Semiconductor DS1644LPM Datasheet HTML 2Page - Dallas Semiconductor DS1644LPM Datasheet HTML 3Page - Dallas Semiconductor DS1644LPM Datasheet HTML 4Page - Dallas Semiconductor DS1644LPM Datasheet HTML 5Page - Dallas Semiconductor DS1644LPM Datasheet HTML 6Page - Dallas Semiconductor DS1644LPM Datasheet HTML 7Page - Dallas Semiconductor DS1644LPM Datasheet HTML 8Page - Dallas Semiconductor DS1644LPM Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DS1644LPM
041697 4/11
DS1644L REGISTER MAP – BANK1 Table 2
ADDRESS
DATA
FUNCTION
ADDRESS
B7
B6
B5
B4
B3
B2
B1
B0
FUNCTION
7FFF
–
–
–
–
–
–
–
–
YEAR
00–99
7FFE
X
X
X
–
–
–
–
–
MONTH
01–12
7FFD
X
X
–
–
–
–
–
–
DATE
01–31
7FFC
X
FT
X
X
X
–
–
–
DAY
01–07
7FFB
X
X
–
–
–
–
–
–
HOUR
00–23
7FFA
X
–
–
–
–
–
–
–
MINUTES
00–59
7FF9
OSC
–
–
–
–
–
–
–
SECONDS
00–59
7FF8
W
R
X
X
X
X
X
X
CONTROL
A
OSC = STOP BIT
R
=
READ BIT
FT =
FREQUENCY TEST
W
= WRITE BIT
X
=
UNUSED
NOTE:
All indicated “X” bits are not dedicated to any particular function and can be used as normal RAM bits.
RETRIEVING DATA FROM RAM OR CLOCK
The DS1644L is in the read mode whenever WE (write
enable) is high, and CE (chip enable) is low. The device
architecture allows ripple-through access to any of the
address locations in the NV SRAM. Valid data will be
available at the DQ pins within tAA after the last address
input is stable, providing that the CE and OE access
times and states are satisfied. If CE or OE access times
are not met, valid data will be available at the latter of
chip enable access (tCEA) or at output enable access
time (tOEA). The state of the data input/output pins (DQ)
is controlled by CE and OE. If the outputs are activated
before tAA, the data lines are driven to an intermediate
state until tAA. If the address inputs are changed while
CE and OE remain valid, output data will remain valid for
output data hold time (tOH) but will then go indeterminate
until the next address access.
WRITING DATA TO RAM OR CLOCK
The DS1644L is in the write mode whenever WE and
CE are in their active state. The start of a write is refer-
enced to the latter occurring high to low transition of WE
or CE. The addresses must be held valid throughout the
cycle. CE or WE must return inactive for a minimum of
tWR prior to the initiation of another read or write cycle.
Data in must be valid tDS prior to the end of write and re-
main valid for tDH afterward. In a typical application, the
OE signal will be high during a write cycle. However,
OE can be active provided that care is taken with the
data bus to avoid bus contention. If OE is low prior to
WE transitioning low the data bus can become active
with read data defined by the address inputs. A low tran-
sition on WE will then disable the outputs tWEZ after WE
goes active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com