Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1672 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1672
Description  Low Voltage Serial Timekeeping Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1672 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1672 Datasheet HTML 1Page - Dallas Semiconductor DS1672 Datasheet HTML 2Page - Dallas Semiconductor DS1672 Datasheet HTML 3Page - Dallas Semiconductor DS1672 Datasheet HTML 4Page - Dallas Semiconductor DS1672 Datasheet HTML 5Page - Dallas Semiconductor DS1672 Datasheet HTML 6Page - Dallas Semiconductor DS1672 Datasheet HTML 7Page - Dallas Semiconductor DS1672 Datasheet HTML 8Page - Dallas Semiconductor DS1672 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS1672
2 of 13
DS1672 BLOCK DIAGRAM Figure 1
ADDRESS MAP
The counter is accessed by reading or writing the first 4 bytes of the DS1672 (00h - 03h). The control
register and trickle charger are accessed by reading or writing the appropriate register bytes as illustrated
in Figure 2. If the master continues to send or request more data after the address pointer has reached
05h, the address pointer will wrap around to location 00h.
DS1672 REGISTERS Figure 2
Address
B7
B6
B5B4B3B2B1B0
Function
00h
Counter
Byte 1
01h
Counter
Byte 2
02h
Counter
Byte 3
03h
Counter
Byte 4
04h
EOSC
Control
05h
TCS
TCS
TCS
TCS
DS
DS
RS
RS
Trickle
Charger
DATA RETENTION MODE
The device is fully accessible and data can be written and ready only when VCC is greater than VPF.
However, when VCC falls below V
PF, (point at which write protection occurs) the internal clock registers
are blocked from any access. If VPF is less than VBACKUP, the device power is switched from VCC to
VBACKUP when VCC drops below VPF. If VPF is greater than VBACKUP, the device power is switched from
VCC to VBACKUP when VCC drops below VBACKUP. The registers are maintained from the VBACKUP source
until VCC is returned to nominal levels.
32-BIT
COUNTER
(4 BYTES)
SERIAL BUS
INTERFACE
OSCILLATOR
AND DIVIDER
POWER
CONTROL
ADDRESS
REGISTER
CONTROL
LOGIC
VCC
VBACKUP
GND
SCL
SDA
CONTROL
TRICKLE CHARGER
X1
X2
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com