Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSPT7F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SSPT7F
Description  Surface Mount Quartz Crystal Units for Low Frequencies
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSPT7F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SSPT7F Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5
Quartz Crystal 2011
SSP-T7-F
FEATURES
STANDARD SPECIFICATIONS
DIMENSIONS
INTERNAL LEAD CONNECTION
APPLICATIONS
RECOMMENDED SOLDERING PATTERN
Surface Mount Quartz Crystal Units for Low Frequencies
SSP-T Series
1#
4#
2#
3#
1.2
5.1
1.2
• Ultra thin type with height 1.mm max.
• SMD type suitable for automatic & high density sur-
face mounting.
• Plastic mold package containing highly reliable tu-
bular type quartz crystal.
• Excellent shock and heat resistance.
• RoHS directive compliant.
Nominal Frequency
Frequency Tolerance
Turnover Temperature
Parabolic Coefficient
Load Capacitance
Motional Resistance (ESR)
Absolute Maximum Drive Level
Level of Drive
Shunt Capacitance
Frequency Ageing
Operating Temperature
Storage Temperature
Symbol
f_nom
f_tol
Ti
B
CL
R1
DLmax
DL
C0
f_age
T_use
T_stg
Specifications
32.768kHz
±20 x 10−6, ±50 x 10−6
+25
±5°C
(
−3.5±1.0) x 10−8/°C2
7.0 pF / 12.5pF
65k
Ω max.
1
µW
0.1
µW
0.8pF typ.
±3 x 10−6
−40°C to +85°C
−55°C to +125°C
Conditions / Notes
+25
±3°C, First Year
Piece part basis
Item
Conditions without notice (Temperature: 25
±2°C, DL: 0.1µW)
6.7
0.1
0.1
7.0 max.
4#
3#
1#
2#
0.55
0.6
4#
3#
1#
2#
UNIT: mm
UNIT: mm
Remarks 1. Do not connect #2 and #3 to external device and GND.
2. The part of the cylinder inside resin mold may be sometimes exposed, however, it does not affect the
characteristics of crystal unit.
3. Please make sure that there is no pattern under SSP-T7-F on the circuit board.
Cellular Phones, PDA, DSC, Car Audio, GPS Module,
FM Tuner Module, ZigBee, Glucose Meter, Payment
Terminal, Clock Source for Micro-Computers, Portable
Applications etc.
SSP-T7-FL / SSP-T7-F
SSP-T7-FL / SSP-T7-F
SSP-T7-FL / SSP-T7-F
www.sii-crystal.com


Similar Part No. - SSPT7F

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSP-01TWB2UPW12 LUMEX-SSP-01TWB2UPW12 Datasheet
56Kb / 1P
LED MINIATURE WEDGE BASE, GREEN, MILKY WHITE DIFFUSED
SSP-01TWB2UPWB12 LUMEX-SSP-01TWB2UPWB12 Datasheet
45Kb / 1P
LED MINIATURE WEDGE BASE LAMP, ULTRA PURE GREEN, WATER CLEAR LENS
SSP-01TWB3SW12 LUMEX-SSP-01TWB3SW12 Datasheet
45Kb / 1P
LED MINIATURE WEDGE BASE, YELLOW, MILKY WHITE DIFFUSED
SSP-01TWB3SW12 LUMEX-SSP-01TWB3SW12 Datasheet
45Kb / 1P
ELECTRO-OPTICAL CHARATERISTICS
SSP-01TWB3SWB12 LUMEX-SSP-01TWB3SWB12 Datasheet
45Kb / 1P
LED MINATURE WEDGE BASE LAMP
More results

Similar Description - SSPT7F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSP-T ETC1-SSP-T Datasheet
56Kb / 2P
Surface Mount Quartz Crystal Units for Low Frequencies
SSP-T6 ETC2-SSP-T6 Datasheet
60Kb / 1P
Surface Mount Quartz Crystal Units for Low Frequencies
VT-150-F ETC2-VT-150-F Datasheet
36Kb / 1P
Quartz Crystal Units for Watches
logo
CTS Corporation
403 CTS-403 Datasheet
132Kb / 3P
Surface Mount Quartz Crystal
405 CTS-405 Datasheet
135Kb / 3P
Surface Mount Quartz Crystal
ATP-SM CTS-ATP-SM_06 Datasheet
118Kb / 4P
Surface Mount Quartz Crystal
logo
List of Unclassifed Man...
SP-T3 ETC2-SP-T3 Datasheet
48Kb / 1P
Surface Mount Quartz Crystal Units for Low Frequencies
logo
NIHON DEMPA KOGYO
NX3215SA NDK-NX3215SA Datasheet
169Kb / 1P
Quartz Crystal Units
NX3225GA NDK-NX3225GA Datasheet
93Kb / 1P
Quartz Crystal Units
logo
CITIZEN ELECTRONICS CO....
CMJ145 CITIZEN-CMJ145 Datasheet
367Kb / 4P
QUARTZ CRYSTAL UNITS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com