Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBB1-APUR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STBB1-APUR
Description  1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB1-APUR Datasheet(HTML) 5 Page - STMicroelectronics

  STBB1-APUR Datasheet HTML 1Page - STMicroelectronics STBB1-APUR Datasheet HTML 2Page - STMicroelectronics STBB1-APUR Datasheet HTML 3Page - STMicroelectronics STBB1-APUR Datasheet HTML 4Page - STMicroelectronics STBB1-APUR Datasheet HTML 5Page - STMicroelectronics STBB1-APUR Datasheet HTML 6Page - STMicroelectronics STBB1-APUR Datasheet HTML 7Page - STMicroelectronics STBB1-APUR Datasheet HTML 8Page - STMicroelectronics STBB1-APUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
STBB1-AXX
Pin configuration
Doc ID 022197 Rev 2
5/22
3
Pin configuration
Figure 2.
Pin connections (top through view)
Table 4.
Pin description
Pin n°
Symbol
Name and function
1
VOUT
Output voltage
2SW2
Switch pin - Internal switches are connected to this pin. Connect inductor
between SW1 to SW2
3
PGND
Power ground
4SW1
Switch pin - Internal switches are connected to this pin. Connect inductor
between SW1 and SW2
5VIN
Power input voltage. Connect a ceramic bypass capacitor (10 µF minimum)
between this pin and PGND
6EN
Enable pin. Connect this pin to GND or a voltage lower than 0.4 V to shut down
the IC. A voltage higher than 1.2 V is required to enable the IC.
7
MODE
(SYNC)
Operation mode selection.
If MODE pin is low, the STBB1-A automatically switches between pulse
skipping and fixed frequency PWM according to the load level.
If MODE pin is pulled high, the STBB1-A works always in PWM mode.
When a square waveform is applied, this pin provides the clock signal for
oscillator synchronization
8
VINA
Supply voltage for control stage
9
GND
Signal ground
10
FB
Feedback voltage
Exposed pad
Power ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com