Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1780 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS1780
Description  CPU Peripheral Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1780 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS1780 Datasheet HTML 17Page - Dallas Semiconductor DS1780 Datasheet HTML 18Page - Dallas Semiconductor DS1780 Datasheet HTML 19Page - Dallas Semiconductor DS1780 Datasheet HTML 20Page - Dallas Semiconductor DS1780 Datasheet HTML 21Page - Dallas Semiconductor DS1780 Datasheet HTML 22Page - Dallas Semiconductor DS1780 Datasheet HTML 23Page - Dallas Semiconductor DS1780 Datasheet HTML 24Page - Dallas Semiconductor DS1780 Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
DS1780
21 of 28
VALUE RAM (ADDRESS 0x15h - 0x3Dh) Table 10.15
ADDRESS <A7:A0>h
R/W
DESCRIPTION
20h
R
+2.5V Input Reading.
21h
R
VCCP1 Input Reading.
22h
R
+3.3V Input Reading.
23h
R
+5V Input Reading.
24h
R
+12V Input Reading.
25h
R
+2.5V_Sense/VCCP2 Input Reading.
26h
R
Reserved.
27h
R
Temperature reading (Most significant 8-bits).
28h
R
FAN1 reading: This location stores the number of counts of the
internal clock per revolution.
29h
R
FAN2 reading: This location stores the number of counts of the
internal clock per revolution.
2Ah
R/W
Reserved.
2Bh
R/W
+2.5V High Limit (Note 1, 2).
2Ch
R/W
+2.5V Low Limit (Note 2).
2Dh
R/W
+VCCP1 High Limit (Note 1, 2).
2Eh
R/W
+V CCP1 Low Limit (Note 2).
2Fh
R/W
+3.3V High Limit (Note 1, 2).
30h
R/W
+3.3V Low Limit (Note 2).
31h
R/W
+5V High Limit (Note 1, 2).
32h
R/W
+5V Low Limit (Note 2).
33h
R/W
+12V High Limit (Note 1, 2).
34h
R/W
+12V Low Limit (Note 2).
35h
R/W
+2.5V_Sense/Vccp2 High Limit (Note 1, 2).
36h
R/W
+2.5V_Sense/Vccp2 Low Limit (Note 2).
37h
Reserved.
38h
Reserved.
39h
R/W
Hot Temperature (High) Limit (Note 1).
3Ah
R/W
Hot Temperature Hysteresis (Low) Limit.
3Bh
R/W
FAN1 Fan Count Limit: It is the number of counts of the internal clock for the
Low Limit of the fan speed.
3Ch
R/W
FAN2 Fan Count Limit: It is the number of counts of the internal clock for the
Low Limit of the fan speed.
3Dh
Reserved.
3Eh
R
Company id number (Note 5).
3Fh
R
Stepping id number (Note 6).
NOTES:
1. Setting all 1s to the high limits for voltages and fans (0111 1111 binary for temperature) means
interrupts will never be generated except the case when voltages go below the low limits.
2. For the high limits of the voltages, the device is doing a greater than comparison. For the low limits,
however, it is doing a less than or equal comparison.
3. This register should only be used by the manufacturer for testing of the ASIC. Reading or writing to
this register during normal use may lead to erroneous events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com