Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1802 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1802
Description  Dual Audio Taper Potentiometer With Pushbutton Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1802 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1802 Datasheet HTML 1Page - Dallas Semiconductor DS1802 Datasheet HTML 2Page - Dallas Semiconductor DS1802 Datasheet HTML 3Page - Dallas Semiconductor DS1802 Datasheet HTML 4Page - Dallas Semiconductor DS1802 Datasheet HTML 5Page - Dallas Semiconductor DS1802 Datasheet HTML 6Page - Dallas Semiconductor DS1802 Datasheet HTML 7Page - Dallas Semiconductor DS1802 Datasheet HTML 8Page - Dallas Semiconductor DS1802 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DS1802
101999
3 of 17
DS1802 BLOCK DIAGRAM Figure 1
CONTACT CLOSURE INTERFACE CONTROL
The DS1802 can be configured to operate from contact closure inputs sometimes referred to as
pushbutton control. There exists a total of four physical contact closure terminals on the device package.
When combined with the MODE input, these contact closure inputs provide a total of eight different
contact closure functions. These eight contact closure functions are listed in Table 2.
CONTACT CLOSURE INPUTS Table 2
CONTACT INPUT
DESCRIPTION
UC0*
Up contact potentiometer-0
UC1*
Up contact potentiometer-1
DC0*
Down contact potentiometer-0
DC1*
Down contact potentiometer-1
VU**
Volume-up
VD**
Volume-down
B0**
Balance Pot-0
B1**
Balance Pot-1
* independent mode control
** stereo mode control
The MODE input terminal is used to select the mode of wiper control using contact closure. There exist
two modes of wiper control, which include independent mode control and stereo mode control. As shown
in the pin assignment diagram, the contact closure inputs share pins. Input functionality is determined by
the state of the MODE input at power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com