Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32672P Datasheet(PDF) 7 Page - EPCOS

Part # B32672P
Description  Metallized Polypropylene Film Capacitors (MKP)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32672P Datasheet(HTML) 7 Page - EPCOS

Back Button B32672P Datasheet HTML 3Page - EPCOS B32672P Datasheet HTML 4Page - EPCOS B32672P Datasheet HTML 5Page - EPCOS B32672P Datasheet HTML 6Page - EPCOS B32672P Datasheet HTML 7Page - EPCOS B32672P Datasheet HTML 8Page - EPCOS B32672P Datasheet HTML 9Page - EPCOS B32672P Datasheet HTML 10Page - EPCOS B32672P Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Technical data
Reference standard: IEC 60384-16. All data given at T = 20
°C, otherwise is specified.
Operating temperature
range
Max. operating temperature Top, max
Upper category temperature Tmax
Lower category temperature Tmin
Rated temperature TR
+125
°C
+110
°C
55
°C
+85
°C
Dissipation factor tan
δ
(in 10-3) at 20
°C
(upper limit values)
1 kHz
10 kHz
100 kHz
1.0
2.5
25.0
Insulation resistance Rins
at 100 V or time constant
τ = C
R
Rins at 20
°C,
rel. humidity
≤ 65%
(minimum as-delivered
values)
30 G
Ω (C
R
≤ 0.33 µF)
10000 s (CR > 0.33
µF)
DC test voltage
1.4
VR, 2 s
Category voltage VC
(continuous operation with
VDC or VAC at f
≤ 1 kHz)
TA (
°C)
DC voltage derating
AC voltage derating
TA
≤85
85 <TA
≤110
VC = VR
VC = VR (165
Top)/80
VC,RMS = VRMS
VC,RMS = VRMS (165
Top)/80
Operating voltage Vop for
short operating periods
(VDC or VAC at f
≤ 1 kHz)
Top (
°C)
DC voltage (max. hours) AC voltage (max. hours)
Top
≤100
100 <Top
≤125
Vop = 1.1 VC (1000 h)
Vop = 1.0 VC (1000 h)
Vop = 1.0 VC,RMS (1000 h)
Vop = 1.0 VC,RMS (1000 h)
Reliability:
Failure rate
λ
Service life tSL
24 fit (
≤ 1 10-7/h) at 0.5 V
R, 40
°C
200000 h at 0.5
VR, 85
°C
For conversion to other operating conditions and temperatures, refer
to chapter "Reliability", page .
Failure criteria:
Total failure
Short circuit or open circuit
Failure due to variation
of parameters
Capacitance change
∆C/C
Dissipation factor tan
δ
Insulation resistance Rins
Or time constant
τ
> 10%
> 4
× upper limit values
< 150 M
Ω (C
R
≤ 0.33 µF)
< 50 s (CR
≥ 0.33 µF)
B32671P ... B32673P
Power Factor Correction
Page 7 of 18
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com