Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU-60CS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-60CS
Description  Alligator Clip with Screw
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-60CS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-60CS Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Most common and versatile Alligator clip
• Compatible with all shrouded, unshrouded and retractable 0.16” (4mm)
banana plugs
• Can also be attached by solder, crimp connection, or the installed #6
screw
• Use with BU-62-* PVC Insulators
• Material: BU-60S -- nickel-plated steel
BU-60CS -- solid copper
• Rating: 10 Amps
• Packaged in Bulk
• RoHS Compliant
Part Number:
BU-60S/BU-60CS
Description:
Alligator Clip with Screw
4106


Similar Part No. - BU-60CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-60C ETC2-BU-60C Datasheet
518Kb / 1P
Alligator Clip
BU-60C ETC2-BU-60C Datasheet
518Kb / 1P
Alligator Clip
BU-60CHS-0 ETC2-BU-60CHS-0 Datasheet
50Kb / 1P
Alligator Clip with Acetate Handle and Screw
BU-60CHS-2 ETC2-BU-60CHS-2 Datasheet
50Kb / 1P
Alligator Clip with Acetate Handle and Screw
BU-60CHS-4 ETC2-BU-60CHS-4 Datasheet
50Kb / 1P
Alligator Clip with Acetate Handle and Screw
More results

Similar Description - BU-60CS

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6573A POMONA-6573A Datasheet
118Kb / 2P
Alligator Clip With Boot
logo
List of Unclassifed Man...
BU-60 ETC2-BU-60 Datasheet
518Kb / 1P
Alligator Clip
BU-60C ETC2-BU-60C Datasheet
518Kb / 1P
Alligator Clip
BU-60CHS-0 ETC2-BU-60CHS-0 Datasheet
50Kb / 1P
Alligator Clip with Acetate Handle and Screw
BU-60S ETC2-BU-60S Datasheet
518Kb / 1P
Alligator Clip with Screw
BU-60U ETC2-BU-60U Datasheet
50Kb / 1P
Alligator Clip
BU-70 ETC2-BU-70 Datasheet
49Kb / 1P
Alligator Clip
BU-70CS ETC2-BU-70CS Datasheet
53Kb / 1P
Alligator Clip with Screw
BU-60H ETC2-BU-60H Datasheet
150Kb / 1P
Alligator Clip with Handle
logo
Keystone Electronics Co...
5038 KEYSTONE-5038 Datasheet
289Kb / 1P
ALLIGATOR CLIP
8.29.08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com