Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1973 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1973
Description  4-kbit EEPROM iButton
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1973 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1973 Datasheet HTML 1Page - Dallas Semiconductor DS1973 Datasheet HTML 2Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
050200
SPECIAL FEATURES
4096 bits Electrically Erasable
Programmable Read Only Memory
(EEPROM)
Overdrive mode boosts communication
speed to 142 kbits per second
256–bit scratchpad ensures integrity of data
transfer
Memory partitioned into 256–bit pages for
packetizing data
Reduces control, address, data and power to
a single data pin
8–bit family code specifies DS1973
communication requirements to reader
Reads and writes over a wide voltage range
of 2.8V to 6.0V from –40°C to +85°C
COMMON iButton FEATURES
Unique, factory-lasered and tested 64-bit
registration number (8-bit family code +
48-bit serial number + 8-bit CRC tester)
assures absolute identity because no two
parts are alike
Multidrop controller for MicroLAN
Digital identification and information by
momentary contact
Chip-based data carrier compactly stores
information
Data can be accessed while affixed to object
Economically communicates to bus master
with a single digital signal at 16.3 kbits per
second
Standard 16 mm diameter and 1–Wire
®
protocol ensure compatibility with iButton
family
Button shape is self–aligning with cup–
shaped probes
Durable stainless steel case engraved with
registration number withstands harsh
environments
Easily affixed with self–stick adhesive
backing, latched by its flange, or locked with
a ring pressed onto its rim
Presence detector acknowledges when reader
first applies voltage
Meets UL#913 (4
th Edit.); Intrinsically Safe
Apparatus, Approved under Entity Concept
for use in Class I, Division 1, Group A, B, C
and D Locations (application pending)
ORDERING INFORMATION
DS1973-F3
F3 MicroCan
DS1973-F5
F5 MicroCan
F3 MICROCAN
F5 MICROCAN
DS1973
4-kbit EEPROM iButton
TM
www.iButton.com
DATA
GROUND
0.36
0.51
3.10
c 1993
YYWW REGISTERED RR
F3
23
000000FBC52B
16.25
17.35
DATA
GROUND
0.36
0.51
5.89
c 1993
YYWW REGISTERED RR
73
23
000000FBD8B3
16.25
17.35
All dimensions shown in millimeters.


Similar Part No. - DS1973

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1973 MAXIM-DS1973 Datasheet
75Kb / 3P
4Kb EEPROM iButton
Rev 8/09
DS1973-F3+ MAXIM-DS1973-F3+ Datasheet
75Kb / 3P
4Kb EEPROM iButton
Rev 8/09
DS1973-F5+ MAXIM-DS1973-F5+ Datasheet
75Kb / 3P
4Kb EEPROM iButton
Rev 8/09
More results

Similar Description - DS1973

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1971 DALLAS-DS1971 Datasheet
234Kb / 3P
256-Bit EEPROM iButton
DS1982 DALLAS-DS1982 Datasheet
444Kb / 23P
1-kbit Add-Only iButton
DS1985 DALLAS-DS1985 Datasheet
440Kb / 25P
16-kbit Add-Only iButton
DS1995 DALLAS-DS1995 Datasheet
193Kb / 1P
16-kbit Memory iButton
DS1977 DALLAS-DS1977 Datasheet
102Kb / 16P
32KB EEPROM iButton
logo
Maxim Integrated Produc...
DS1972 MAXIM-DS1972 Datasheet
273Kb / 23P
1024-Bit EEPROM iButton
REV: 083006
DS1972 MAXIM-DS1972_10 Datasheet
281Kb / 23P
1024-Bit EEPROM iButton
Rev 3; 4/10
logo
STMicroelectronics
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
logo
Maxim Integrated Produc...
DS1973 MAXIM-DS1973 Datasheet
75Kb / 3P
4Kb EEPROM iButton
Rev 8/09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com