Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1994 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1994
Description  4kb Plus Time Memory iButton
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1994 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1994 Datasheet HTML 9Page - Dallas Semiconductor DS1994 Datasheet HTML 10Page - Dallas Semiconductor DS1994 Datasheet HTML 11Page - Dallas Semiconductor DS1994 Datasheet HTML 12Page - Dallas Semiconductor DS1994 Datasheet HTML 13Page - Dallas Semiconductor DS1994 Datasheet HTML 14Page - Dallas Semiconductor DS1994 Datasheet HTML 15Page - Dallas Semiconductor DS1994 Datasheet HTML 16Page - Dallas Semiconductor DS1994 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DS1994
13 of 22
WRITE PROTECT/PROGRAMMABLE EXPIRATION
The write protect bits (WPR, WPI, WPC) provide a means of write protecting the timekeeping data and
limiting access to the DS1994 when an alarm occurs (programmable expiration). The write protect bits
cannot be written by performing a single copy scratchpad command. Instead, to write these bits, the copy
scratchpad command must be performed three times. Please note that the AA bit is set, as expected, after
the first copy command is successfully executed. Therefore, the authorization pattern for the second and
third copy command should have this bit set. The read scratchpad command can be used to verify the
authorization pattern.
The write protect bits, once set, permanently write protect their corresponding counter and alarm
registers, all write protect bits, and certain control register bits as shown in Figure 7. The time/count
registers continue to count if the oscillator is enabled. If the user wishes to set more than one write protect
bit, the user must set them at the same time. Once a write protect bit is set it cannot be undone, and the
remaining write protect bits, if not set, cannot be set. The programmable expiration takes place when one
or more write protect bits have been set and a corresponding alarm occurs. If the RO (read only) bit is set,
only the read scratch and read memory function commands are available. If the RO bit is a logic 0, no
memory function commands are available. The ROM functions are always available.
Figure 7. WRITE PROTECT CHART
WRITE PROTECT BIT SET:
WPR
WPI
WPC
Data Protected from
User Modification:
Real-Time Clock
Real-Time Alarm
WPR
WPI
WPC
RO
OSC*
Interval Timer
Interval Time Alarm
WPR
WPI
WPC
RO
OSC*
STOP/START **
AUTO/MAN
Cycle Counter
Cycle Counter Alarm
WPR
WPI
WPC
RO
OSC*
DSEL
* Becomes write 1 only, i.e., once written to a logic 1, cannot be written back to a logic 0.
** Forced to a logic 0.
1-WIRE BUS SYSTEM
The 1-Wire bus is a system that has a single bus master and one or more slaves. In most instances, the
DS1994 behaves as a slave. The exception is when the DS1994 generates an interrupt due to a
timekeeping alarm. The discussion of this bus system is broken down into three topics: hardware
configuration, transaction sequence, and 1-Wire signaling (signal types and timing).
HARDWARE CONFIGURATION
The 1-Wire bus has only a single line by definition; it is important that each device on the bus be able to
drive it at the appropriate time. To facilitate this, each device attached to the 1-Wire bus must have open-
drain or three-state outputs. The 1-Wire port of the DS1994 is open drain with an internal circuit
equivalent to that shown in Figure 8. A multidrop bus consists of a 1-Wire bus with multiple slaves
attached. The 1-Wire bus has a maximum data rate of 16.3kbps and requires a pullup resistor of
approximately 5k
W. The idle state for the 1-Wire bus is high. If for any reason a transaction needs to be
suspended, the bus MUST be left in the idle state if the transaction is to resume. If this does not occur and
the bus is left low for more than 120
ms, one or more of the devices on the bus can be reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com