Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2064 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS2064
Description  8K x 8 Static RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2064 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS2064 Datasheet HTML 1Page - Dallas Semiconductor DS2064 Datasheet HTML 2Page - Dallas Semiconductor DS2064 Datasheet HTML 3Page - Dallas Semiconductor DS2064 Datasheet HTML 4Page - Dallas Semiconductor DS2064 Datasheet HTML 5Page - Dallas Semiconductor DS2064 Datasheet HTML 6Page - Dallas Semiconductor DS2064 Datasheet HTML 7Page - Dallas Semiconductor DS2064 Datasheet HTML 8Page - Dallas Semiconductor DS2064 Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DS2064
022598 2/9
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
VCC
Power Supply Voltage
–0.3V to +7.0V
VIN, VI/O
Input, Input/Output Voltage
–0.3 to VCC + 0.3V
TSTG
Storage Temperature
–55
°C to +125°C
TOPR
Operating Temperature
–40
°C to +85°C
TSOLDER
Soldering Temperature/Time
260
°C for 10 seconds
RECOMMENDED DC OPERATING CONDITIONS
(tA = –40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Power Supply Voltage
VCC
4.5
5.0
5.5
V
Input High Voltage
VIH
2.0
VCC + 0.3
V
Input Low Voltage
VIL
–0.3
0.8
V
Data Retention Voltage
VDR
2.0
5.5
V
DC CHARACTERISTICS
(tA = –40°C to +85°C; VCC=5V ± 10%)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage Current
IIL
0V < VIN < VCC
+0.1
µA
I/O Leakage Current
ILO
CE1=VIH, 0V<VIO<VCC
+0.5
µA
Output High Current
IOH
VOH = 2.4V
–1.0
mA
Output Low Current
IOL
VOL = 0.4V
4.0
mA
Standby Current
ICCS1
CE1 = 2.0V
0.5
mA
Standby Current
ICCS2
CE1>VCC–0.5V tA=60°C
1
µA
Standby Current
ICCS2
CE1>VCC–0.5V tA=25°C
100
nA
Operating Current
ICCO
CE1=0.8V, 200 ns cycle
70
mA
CAPACITANCE
(tA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
10
pF
Input/Output Capacitance
CI/O
5
12
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com