Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2108S Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS2108S
Description  Differential SCSI Switchable Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2108S Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS2108S Datasheet HTML 1Page - Dallas Semiconductor DS2108S Datasheet HTML 2Page - Dallas Semiconductor DS2108S Datasheet HTML 3Page - Dallas Semiconductor DS2108S Datasheet HTML 4Page - Dallas Semiconductor DS2108S Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS2108
4 of 5
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-7.0V to +12.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED OPERATING CONDITIONS
(0°C to 70°C)
PARAMETER
SYM
MIN
TYP
MAX
UNITS
NOTES
TERMPWR Voltage
VTP
4.00
5.25
V
PD
Active
VPDA
-0.3
0.8
V
PD
Inactive
VPDI
2.00
VTP +
0.3
V
DC CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
TERMPWR Current
ITP
56
65
mA
1, 6
Power-down Current
IPD
1
2
mA
1, 5
Command Mode
Voltage
Vem
7.0
12.0
V
7, 8
Termination Resistance
RTTN
313.5
330
346.5
ohms
2
Termination Resistance
RTNP
142.5
150
157.5
ohms
3
Termination Resistance
RTPG
313.5
330
346.5
ohms
4
Power-down
Termination
Capacitance
CPD
5
6
pF
1, 5, 7
NOTES:
1. 4.00V < TERMPWR < 5.25V
2. 330
Ω=resistor between TERMPWR and -SIGNAL.
3. 150
Ω=resistor between -SIGNAL and +SIGNAL.
4. 330
Ω=resistor between +SIGNAL and GDN.
5.
PD
= 0.0V.
6. Signal pins left open.
7. Guaranteed by design; not production tested.
8. Signal lines RxN and RxP only.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com