Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS21372T Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS21372T
Description  3.3V Bit Error Rate Tester BERT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21372T Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS21372T Datasheet HTML 13Page - Dallas Semiconductor DS21372T Datasheet HTML 14Page - Dallas Semiconductor DS21372T Datasheet HTML 15Page - Dallas Semiconductor DS21372T Datasheet HTML 16Page - Dallas Semiconductor DS21372T Datasheet HTML 17Page - Dallas Semiconductor DS21372T Datasheet HTML 18Page - Dallas Semiconductor DS21372T Datasheet HTML 19Page - Dallas Semiconductor DS21372T Datasheet HTML 20Page - Dallas Semiconductor DS21372T Datasheet HTML 21Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
DS21372
21 of 21
DS21372 32-PIN TQFP
DIM
MIN
MAX
A
-1.20
A1
0.05
0.15
A2
0.95
1.05
D
8.80
9.20
D1
7.00 BSC
E
8.80
9.20
E1
7.00 BSC
L
0.45
0.75
e
0.80 BSC
B
0.30
0.45
C
0.09
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com