Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2154L Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS2154L
Description  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154L Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS2154L Datasheet HTML 1Page - Dallas Semiconductor DS2154L Datasheet HTML 2Page - Dallas Semiconductor DS2154L Datasheet HTML 3Page - Dallas Semiconductor DS2154L Datasheet HTML 4Page - Dallas Semiconductor DS2154L Datasheet HTML 5Page - Dallas Semiconductor DS2154L Datasheet HTML 6Page - Dallas Semiconductor DS2154L Datasheet HTML 7Page - Dallas Semiconductor DS2154L Datasheet HTML 8Page - Dallas Semiconductor DS2154L Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 87 page
background image
DS2154
4 of 87
1.0 INTRODUCTION
The DS2154 is a super-set version of the popular DS2153 E1 Single-Chip Transceiver offering the new
features listed below. All of the original features of the DS2153 have been retained and software created
for the original devices is transferable into the DS2154.
NEW FEATURES
SECTION
Option for non-multiplexed bus operation
1 and 2
Crystal-less jitter attenuation
12
Additional hardware signaling capability including:
Receive signaling reinsertion to a backplane multiframe sync
Availability of signaling in a separate PCM data stream
Signaling freezing
Interrupt generated on change of signaling data
7
Improved receive sensitivity: 0 dB to -43 dB
12
Per-channel code insertion in both transmit and receive paths
8
Expanded access to Sa and Si bits
11
RCL, RLOS, RRA, and RAIS alarms now interrupt on change of state
4
8.192 MHz clock synthesizer
1
Per-channel loopback
8
Addition of hardware pins to indicate carrier loss and signaling freeze
1
Line interface function can be completely decoupled from the framer/formatter to
allow:
Interface to optical, HDSL, and other NRZ interfaces
“tap” the transmit and receive bipolar data streams for monitoring purposes
Be able corrupt data and insert framing errors, CRC errors, etc.
1
Transmit and receive elastic stores now have independent backplane clocks
1
Ability to monitor one DS0 channel in both the transmit and receive paths
6
Access to the data streams in between the framer/formatter and the elastic stores
1
AIS generation in the line interface that is independent of loopbacks
1 and 3
Transmit current limiter to meet the 50 mA short circuit requirement
12
Option to extend carrier loss criteria to a 1 ms period as per ETS 300 233
3
Automatic RAI generation to ETS 300 011 specifications
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com