Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2172T Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS2172T
Description  Bit Error Rate Tester BERT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2172T Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS2172T Datasheet HTML 1Page - Dallas Semiconductor DS2172T Datasheet HTML 2Page - Dallas Semiconductor DS2172T Datasheet HTML 3Page - Dallas Semiconductor DS2172T Datasheet HTML 4Page - Dallas Semiconductor DS2172T Datasheet HTML 5Page - Dallas Semiconductor DS2172T Datasheet HTML 6Page - Dallas Semiconductor DS2172T Datasheet HTML 7Page - Dallas Semiconductor DS2172T Datasheet HTML 8Page - Dallas Semiconductor DS2172T Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DS2172
4 of 21
DETAILED PIN DESCRIPTION Table 1
PIN
SYMBOL
TYPE
DESCRIPTION
1TL
I
Transmit Load. A positive-going edge loads the pattern generator with
the contents of the Pattern Set Registers. The MSB of the repetitive or
pseudorandom pattern appears at TDATA after the third positive edge of
TCLK from asserting TL. TL is logically OR’ed with PCR.7 and should
be tied to VSS if not used. See Figure 8 for timing information.
2
AD0
I/O
Data Bus. An 8-bit multiplexed address/data bus.
3
AD1
I/O
Data Bus. An 8-bit multiplexed address/data bus.
4
TEST
I
Test. Set high to 3-state all output pins ( INT , ADx, TDATA, RLOS).
Should be tied to VSS to enable all outputs.
5VSS
-
Signal Ground. 0.0V. Should be tied to local ground plane.
6
AD2
I/O
Data Bus. An 8-bit multiplexed address/data bus.
7
AD3
I/O
Data Bus. An 8-bit multiplexed address/data bus.
8
AD4
I/O
Data Bus. An 8-bit multiplexed address/data bus.
9
AD5
I/O
Data Bus. An 8-bit multiplexed address/data bus.
10
AD6
I/O
Data Bus. An 8-bit multiplexed address/data bus.
11
AD7
I/O
Data Bus. An 8-bit multiplexed address/data bus.
12
VSS
-
Signal Ground. 0.0V. Should be tied to local ground plane.
13
VDD
-
Positive Supply. 5.0V.
14
BTS
I
Bus Type Select. Strap high to select Motorola bus timing; strap low to
select Intel bus timing. This pin controls the function of the RD (DS),
ALE(AS), and WR (R/ W ) pins. If BTS = 1, then these pins assume the
function listed in parenthesis ().
15
RD
(DS)
I
Read Input (Data Strobe).
16
CS
I
Chip Select. Must be low to read or write the port.
17
ALE(AS)
I
Address Latch Enable (Address Strobe). A positive going edge serves
to demultiplex the bus.
18
WR
(R/ W )
I
Write Input (Read/Write).
19
INT
O
Alarm Interrupt. Flags host controller during conditions defined in
Status Register. Active low, open drain output.
20
VDD
-
Positive Supply. 5.0V.
21
VSS
-
Signal Ground. 0.0V. Should be tied to local ground plane.
22
LC
I
Load Count. A positive-going edge latches the current bit and bit error
count into the user accessible BCR and BECR registers and clears the
internal count registers. LC is logically OR’ed with control bit PCR.4.
Should be tied to VSS if not used.
23
RLOS
O
Receive Loss Of Sync. Indicates the real time status of the receive
synchronizer. Active high output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com