Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2176 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS2176
Description  T1 Receive Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2176 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS2176 Datasheet HTML 6Page - Dallas Semiconductor DS2176 Datasheet HTML 7Page - Dallas Semiconductor DS2176 Datasheet HTML 8Page - Dallas Semiconductor DS2176 Datasheet HTML 9Page - Dallas Semiconductor DS2176 Datasheet HTML 10Page - Dallas Semiconductor DS2176 Datasheet HTML 11Page - Dallas Semiconductor DS2176 Datasheet HTML 12Page - Dallas Semiconductor DS2176 Datasheet HTML 13Page - Dallas Semiconductor DS2176 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DS2176
10 of 15
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
–1.0V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
–55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
*This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to 70°C)
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1
VIH
2.0
VDD+0.3
V
Logic 0
VIL
-0.3
+0.8
V
Supply
VDD
4.5
5.5
V
DC ELECTRICAL CHARACTERISTICS
(0°C to 70°C; VDD =5V ± 10%)
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current
IDD
5
10
mA
1,2
Input Leakage
IIL
-1.0
+1.0
µA
Output Current @ 2.4V
IOH
-1.0
mA
3
Output Current @ 0.4V
IOL
+4.0
mA
4
Output Leakage
ILO
-1.0
+1.0
µA
5
NOTES:
1. TCLK=RCLK=1.544 MHz.
2. Outputs open.
3. All outputs except SLIP , which is open collector.
4. All outputs.
5. Applies to SLIP when tri–stated.
CAPACITANCE
(tA=25
°C)
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
pF
Output Capacitance
Cout
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com