Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBS05002 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS05002
Description  50MHz SAW Filter 1.2MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS05002 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS05002 Datasheet HTML 1Page - SIPAT Co,Ltd LBS05002 Datasheet HTML 2Page - SIPAT Co,Ltd LBS05002 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBS05002
Rev. Date
2011-12-06
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
50MHz SAW Filter
1.2MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number:LBS05002
Typical Performance
Frequency Response
Passband Response
35
40
45
50
55
60
65
-112.391
-102.391
-92.391
-82.391
-72.391
-62.391
-52.391
-42.391
-32.391
-22.391
-12.391
Type Performance
Frequency(MHz)
47.5
48
48.5
49
49.5
50
50.5
51
51.5
52
52.5
-23.391
-22.891
-22.391
-21.891
Type Performance
Frequency(MHz)
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 0.5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±MHz)
Phase Linearity(f0±MHz)
48.5
49
49.5
50
50.5
51
2500
3000
3500
4000
4500
X: 49.3
Y: 3585
Type Performance
Frequency(MHz)
X: 50.7
Y: 3543
X: 50
Y: 3454
48.5
49
49.5
50
50.5
51
-6
-4
-2
0
2
4
6
8
X: 50
Y: 1.238
Type Performance
Frequency(MHz)
X: 49.3
Y: -0.4671
X: 50.7
Y: 1.991
Horizontal:0.5MHz/Div
Vertical: 500ns/Div
Horizontal: 0.5MHz/Div
Vertical: 2deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com