Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS229 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS229
Description  Triple RS-232 Transmitter/Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS229 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS229 Datasheet HTML 1Page - Dallas Semiconductor DS229 Datasheet HTML 2Page - Dallas Semiconductor DS229 Datasheet HTML 3Page - Dallas Semiconductor DS229 Datasheet HTML 4Page - Dallas Semiconductor DS229 Datasheet HTML 5Page - Dallas Semiconductor DS229 Datasheet HTML 6Page - Dallas Semiconductor DS229 Datasheet HTML 7Page - Dallas Semiconductor DS229 Datasheet HTML 8Page - Dallas Semiconductor DS229 Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
112099
FEATURES
Compatible with DS1229
5V operation
20-pin DIP or SOIC package
20-pin TSSOP package for height restricted
applications
Operate from single +5V power
Meets all EIA-232E and V.28 specifications
Uses small capacitors: 0.1
µF
Optional industrial temperature range
available (-40
°C to +85°C)
ORDERING INFORMATION
DS229
20-pin DIP
DS229N
20-pin DIP (Industrial)
DS229S
20-pin SOIC
DS229SN
20-pin SOIC (Industrial)
DS229E
20-pin TSSOP
DS229EN
20-pin TSSOP (Industrial)
PIN ASSIGNMENT
PIN DESCRIPTION
VCC
- +5-Volt Supply
GND
- Ground
V+
- Positive Supply Output
V-
- Negative Supply Output
T1IN, T2IN, T3IN
- RS-232 Driver Inputs
T1OUT, T2OUT, T3OUT - RS-232 Driver Outputs
R1IN, R2IN, R3IN
- Receiver Inputs
R1OUT, R2OUT, R3OUT - Receiver Outputs
C1+, C1-
- Capacitor 1 Connections
C2+, C2-
- Capacitor 2 Connections
DESCRIPTION
The DS229 is a triple RS-232 driver/receiver pair that generates RS-232 voltage levels from a single +5-
volt power supply. Additional
±12-volt supplies are not needed since the DS229 uses on-board charge
pumps to convert the +5-volt supply to
±10 volts. The DS229 is fully compliant with EIA RS-232E and
V.28/V.24 standards. The DS229 contains three drivers and three receivers. Driver slew rates and data
rates are guaranteed up to 116 kbits/sec. The DS229 operates with only 0.1
µF charge pump capacitors.
OPERATION
The diagram in Figure 1 shows the main elements of the DS229. The following paragraphs describe the
function of each pin.
DS229
Triple RS-232 Transmitter/Receiver
www.dalsemi.com
20-Pin DIP, SOIC AND TSSOP
19
C1-
C2-
T2OUT
R2IN
T3OUT
R3IN
VCC
R1IN
R1OUT
T1IN
T2IN
R2OUT
T3IN
R3OUT
1
2
3
4
5
6
7
8
9
10
20
18
17
16
15
14
13
12
11
V+
C2+
V-
C1+
GND
T1OUT


Similar Part No. - DS229

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2290 DALLAS-DS2290 Datasheet
104Kb / 9P
T1 Isolation Stik
logo
Maxim Integrated Produc...
DS2291 MAXIM-DS2291 Datasheet
104Kb / 9P
T1 Long Loop Stik
022798
More results

Similar Description - DS229

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC232 TELCOM-TC232 Datasheet
51Kb / 3P
DUAL RS-232 TRANSMITTER/RECEIVER AND POWER SUPPLY
logo
Dallas Semiconductor
DS1228 DALLAS-DS1228 Datasheet
15Kb / 1P
5V Powered Dual RS-232 Transmitter/Receiver
DS232A DALLAS-DS232A Datasheet
110Kb / 10P
Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232 INTERSIL-ICL232 Datasheet
139Kb / 6P
5V Powered, Dual RS-232 Transmitter/Receiver
June 2001
logo
Microchip Technology
TC232 MICROCHIP-TC232 Datasheet
52Kb / 6P
DUAL RS-232 TRANSMITTER/RECEIVER AND POWER SUPPLY
2001
logo
Intersil Corporation
ICL3310 INTERSIL-ICL3310 Datasheet
158Kb / 9P
3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
July 2004
logo
Harris Corporation
ICL232 HARRIS-ICL232 Datasheet
41Kb / 5P
5V Powered, Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232 INTERSIL-ICL232_05 Datasheet
210Kb / 7P
5V Powered, Dual RS-232 Transmitter/Receiver
July 28, 2005
ICL232IBE INTERSIL-ICL232IBE Datasheet
221Kb / 7P
5V Powered, Dual RS-232 Transmitter/Receiver
July 28, 2005
logo
Renesas Technology Corp
ICL232 RENESAS-ICL232 Datasheet
451Kb / 8P
5V Powered, Dual RS-232 Transmitter/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com