Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSSLT02A Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NSSLT02A
Description  SPECIFICATIONS FOR WARM WHITE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSLT02A Datasheet(HTML) 7 Page - NICHIA CORPORATION

Back Button NSSLT02A Datasheet HTML 3Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 4Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 5Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 6Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 7Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 8Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 9Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 10Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NICHIA STS-DA1-2922E <Cat.No.140408>
6
TAPE AND REEL DIMENSIONS
STS-DA7-4976
NxxxT02x
管理番号
No.
(単位 Unit: mm)
(1)リール形状寸法
Shape and Dimensions of Reel
テーピング仕様(日本規格協会 JIS C 0806 に準ずる)
Taping Specifications (in accordance with JIS standard)
(2)テープ 
Dimensions of Tape
(3)テープ実装品内容
Configuration of Tape
More than 40mm
Unloaded tape
Leading part more than 400mm
実装品
Mounted with LED
リーダー部
400mm以上
40mm以上
(END)
(START)
(4) 1リール当たり 
4,000pcs
Quantity: 4,000pcs/reel
-0
Φ
1.5+0.1
4±0.1
4±0.1
2±0.05
Φ
0.5±0.1
0.8±0.1
(3°)
(R0.15)
R Max 0.05
0.2±0.05
0.85±0.1
(R0.15)
R Max 0.05
極性
Polarity
引出し方向
Progressive direction
11.4±1
9±0.3
ラベル
Label
180+0
-3
2±0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com