Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2406P Datasheet(PDF) 29 Page - Dallas Semiconductor

Part # DS2406P
Description  Dual Addressable Switch Plus 1K-Bit Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2406P Datasheet(HTML) 29 Page - Dallas Semiconductor

Back Button DS2406P Datasheet HTML 22Page - Dallas Semiconductor DS2406P Datasheet HTML 23Page - Dallas Semiconductor DS2406P Datasheet HTML 24Page - Dallas Semiconductor DS2406P Datasheet HTML 25Page - Dallas Semiconductor DS2406P Datasheet HTML 26Page - Dallas Semiconductor DS2406P Datasheet HTML 27Page - Dallas Semiconductor DS2406P Datasheet HTML 28Page - Dallas Semiconductor DS2406P Datasheet HTML 29Page - Dallas Semiconductor DS2406P Datasheet HTML 30Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
DS2406
29 of 30
CAPACITANCES
(tA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Capacitance DATA Pin
CD
800
pF
7
Capacitance PIO-A Pin
CA
100
pF
Capacitance PIO-B Pin
CB
25
pF
Capacitance VCC Pin
CC
10
pF
AC ELECTRICAL CHARACTERISTICS
(VPUP=2.8V to 6.0V; -40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Time Slot
tSLOT
60
120
µs
Write 1 Low Time
tLOW1
115
µs
Write 0 Low Time
tLOW0
60
120
µs
Read Low Time
tLOWR
115
µs
Read Data Valid
tRDV
15
µs
15
Release Time
tRELEASE
015
45
µs
Read Data Setup 1-Wire
tSU
1µs
5
Recovery Time
tREC
1µs
Reset High Time
tRSTH
480
µs
4
Reset Low Time
tRSTL
480
5000
µs
8
Presence Detect High
tPDH
15
60
µs
Presence Detect Low
tPDL
60
240
µs
Read Data Setup PIO-A
tSUA
0.5
µs
Read Data Setup PIO-B
tSUB
0.5
µs
Delay to Program
tDP
5µs
Delay to Verify
tDV
5µs
Program Pulse Width
tPP
480
5000
µs
14
Program Voltage Rise Time
tRP
0.5
5.0
µs
Program Voltage Fall Time
tFP
0.5
5.0
µs
Definition of PIO Read Data Setup Time
1-Wire
t SUA,
t SUB
PIO-A,
PIO-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com