Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-COM422 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # USB-COM422
Description  Future Technology Devices International Ltd
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USB-COM422 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button USB-COM422 Datasheet HTML 11Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 12Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 13Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 14Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 15Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 16Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 17Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 18Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Copyright © 2010 Future Technology Devices International Limited
14
Document Reference No.: FT_000135
USB-COM422-PLUS2 Datasheet
Version 1.2
Clearance No.: FTDI#103
4 Electrical details
4.1 USB
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
USB_VCC
Input Power Voltage*
4.25
5.0*
5.25
V
*Present when USB
cable is attached and
USB Host or Hub
powered.
Icc
USB current
30
50
mA
Table 4.1 - USB Electrical Details
4.2 RS422
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Vtrans
Transmitter output
voltage swing
2
V
RL = 50R CL = 50pF
Vrec
Receiver input voltage
range
-7
+12
V
RL = 50R CL = 50pF
ESD HBM
N/A
±15
KV
For all RS-422 Inputs
and Outputs pin
Table 4.2 – RS422 Electrical Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com