Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR1167AS Datasheet(PDF) 5 Page - International Rectifier

Part # IR1167AS
Description  SMARTRECTIFIERTM CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1167AS Datasheet(HTML) 5 Page - International Rectifier

  IR1167AS Datasheet HTML 1Page - International Rectifier IR1167AS Datasheet HTML 2Page - International Rectifier IR1167AS Datasheet HTML 3Page - International Rectifier IR1167AS Datasheet HTML 4Page - International Rectifier IR1167AS Datasheet HTML 5Page - International Rectifier IR1167AS Datasheet HTML 6Page - International Rectifier IR1167AS Datasheet HTML 7Page - International Rectifier IR1167AS Datasheet HTML 8Page - International Rectifier IR1167AS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
IR1167(A,B)S
5
www.irf.com
© 2013 International Rectifier
Nov 6, 2013
Absolute Maximum Ratings
St
ress beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these conditions are not implied. All
voltages are absolute voltages referenced to GND. Thermal resistance and power dissipation are measured under
board mounted and still air conditions.
Parameters
Symbol
Min.
Max.
Units
Remarks
Supply Voltage
VCC
-0.3
20
V
Enable Voltage
VEN
-0.3
20
Cont. Drain Sense Voltage
VD
-3
200
Pulse Drain Sense Voltage
VD
-5
200
Source Sense Voltage
VS
-3
20
Gate Voltage
VGATE
-0.3
20
VCC=20V, Gate off
Operating Junction Temperature
TJ
-40
150
°C
Storage Temperature
TS
-55
150
Thermal Resistance
RθJA
128
°C/W
SOIC-8
Package Power Dissipation
PD
970
mW
SOIC-8, TAMB=25°C
ESD Protection
VESD
2
kV
Human Body Model
†
Switching Frequency
fsw
500
kHz
†
Per EIA/JESD22-A114-B (discharging a 100pF capacitor through a 1.5k
Ω series resistor).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com