Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2450S Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS2450S
Description  1-Wire Quad A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2450S Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS2450S Datasheet HTML 1Page - Dallas Semiconductor DS2450S Datasheet HTML 2Page - Dallas Semiconductor DS2450S Datasheet HTML 3Page - Dallas Semiconductor DS2450S Datasheet HTML 4Page - Dallas Semiconductor DS2450S Datasheet HTML 5Page - Dallas Semiconductor DS2450S Datasheet HTML 6Page - Dallas Semiconductor DS2450S Datasheet HTML 7Page - Dallas Semiconductor DS2450S Datasheet HTML 8Page - Dallas Semiconductor DS2450S Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DS2450
4 of 24
102199
64-BIT LASERED ROM Figure 3
1-WIRE CRC-GENERATOR Figure 4
DEVICE REGISTERS
All registers of the DS2450 are mapped into a linear memory range of 24 adjacent bytes organized as
three 8-byte pages. The first page, called conversion read-out, contains the memory area where the chip-
internal logic places the results of a conversion for the bus master to read. Starting with channel A at the
lowest address, each channel has an area of 16 bits assigned for the conversion result, as shown in Figure
5a. The power-on default for the conversion read-out registers is all zeros. Regardless of the resolution
requested, the most significant bit of the conversion is always at the same bit position. If less than 16-bit
resolution is requested, the least significant bits of the conversion result will be filled with zeros in order
to always generate a 16-bit result. For applications that require less than four analog inputs, one should
start using input D for the first channel, input C for the second one, etc. The advantage is that when
reading the conversion results one reaches the end of the page and with it the CRC16 sooner and
minimizes the traffic on the 1-Wire bus. For more details on reading please refer to the Read Memory
command description.
MEMORY MAP PAGE 0, CONVERSION READ-OUT Figure 5a
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
00
A
A
A
A
A
A
A
LSBIT A
01
MSBIT A
A
A
A
A
A
A
A
02
B
B
B
B
B
B
B
LSBIT B
03
MSBIT B
B
B
B
B
B
B
B
04
C
C
C
C
C
C
C
LSBIT C
05
MSBIT C
C
C
C
C
C
C
C
06
D
D
D
D
D
D
D
LSBIT D
07
MSBIT D
D
D
D
D
D
D
D
The control and status information for all channels is located in memory page 1 (Figure 5b). As for the
conversion read-out, each channel has assigned 16 bits. The four least significant bits, called RC3 to
RC0, are an unsigned binary number that represents the number of bits to be converted. A code of 1111
(15 decimal) will generate a 15-bit result. For a full 16-bit conversion the code number needs to be 0000.
The next two bits beyond RC3 will always read 0. They have no function and cannot be changed to 1s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com