Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS32KHZ/DIP Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS32KHZ/DIP
Description  32.768kHz Temperature-Compensated Crystal Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS32KHZ/DIP Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS32KHZ/DIP Datasheet HTML 2Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 3Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 4Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 5Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 6Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 7Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 8Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 9Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DS32kHz
6 of 10
Figure 2. Block Diagram
OPERATION
The DS32kHz module contains a crystal and an IC. While powered, the DS32kHz peridocially measures the
temperature and adjusts the crystal load to compensate.
The DS32kHz is designed to operate in two modes. In the dual-supply mode, a comparator circuit, powered by VCC,
monitors the relationship between the VCC and VBAT input levels. When VCC drops below a certain level compared to
VBAT, the device switches over to VBAT (Figure 3A). This mode uses VCC to conserve the battery connected to VBAT
while VCC is applied.
In the single-supply mode, VCC is grounded and the unit is powered by VBAT. Current consumption is less than that
of VCC, because the comparator circuit is unpowered (Figure 3B).
Figure 3A shows how the DS32kHz should be connected when using two power supplies. VCC should be between
4.5V and 5.5V and VBAT should be between 2.7V and 3.3V. Figure 3B shows how the DS32kHz can be used when
only a single-supply system is available. VCC should be grounded and VBAT should then be held between 2.7V and
5.5V. The VBAT pin should be connected directly to a battery. Figure 3C shows a single supply mode where VCC is
held at +5V. See the frequency stability versus operating voltage for information about frequency error versus
supply voltage.
Figure 3. Power-Supply Connections



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com