Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS5002FP Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS5002FP
Description  Secure Microprocessor Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5002FP Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS5002FP Datasheet HTML 1Page - Dallas Semiconductor DS5002FP Datasheet HTML 2Page - Dallas Semiconductor DS5002FP Datasheet HTML 3Page - Dallas Semiconductor DS5002FP Datasheet HTML 4Page - Dallas Semiconductor DS5002FP Datasheet HTML 5Page - Dallas Semiconductor DS5002FP Datasheet HTML 6Page - Dallas Semiconductor DS5002FP Datasheet HTML 7Page - Dallas Semiconductor DS5002FP Datasheet HTML 8Page - Dallas Semiconductor DS5002FP Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1 of 25
REV: 030503
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS5002FP secure microprocessor chip is a
secure
version
of
the
DS5001FP
128k
soft
microprocessor chip. In addition to the memory and
I/O enhancements of the DS5001FP, the secure
microprocessor
chip
incorporates
the
most
sophisticated security features available in any
processor. The security features of the DS5002FP
include an array of mechanisms that are designed to
resist all levels of threat, including observation,
analysis, and physical attack. As a result, a massive
effort is required to obtain any information about
memory contents. Furthermore, the “soft” nature of
the DS5002FP allows frequent modification of the
secure information, thereby minimizing the value of
any secure information obtained by such a massive
effort.
PIN CONFIGURATION
FEATURES
§ 8051-Compatible Microprocessor for
Secure/Sensitive Applications
Access 32kB, 64kB, or 128kB of NV SRAM for
Program and/or Data Storage
In-System Programming Through On-Chip Serial
Port
Can Modify Its Own Program or Data Memory in
the End System
§ Firmware Security Features
Memory Stored in Encrypted Form
Encryption Using On-Chip 64-Bit Key
Automatic True Random Key Generator
Self Destruct Input (SDI)
Optional Top Coating Prevents Microprobe
(DS5002FPM)
Improved Security Over Previous Generations
Protects Memory Contents from Piracy
§ Crash-Proof Operation
Maintains All Nonvolatile Resources for Over 10
Years in the Absence of Power
Power-Fail Reset
Early Warning Power-Fail Interrupt
Watchdog Timer
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS5002FP-16
0°C to +70°C
80 QFP
DS5002FPM-16
0°C to +70°C
80 QFP
DS5002FP-16N
-40°C to +85°C
80 QFP
DS5002FMN-16
-40°C to +85°C
80 QFP
Selector Guide appears at end of data sheet.
DS5002FP
Secure Microprocessor Chip
www.maxim-ic.com
P0.4AD4
CE2
PE2
BA9
P0.3/AD3
BA8
P0.2/AD2
BA13
P0.1/AD1
R/
W
P0.0/AD0
VCC0
VCC
MSEL
P1.0
BA14
P1.1
BA12
P1.2
BA7
P1.3
PE3
PE4
BA6
P2.6/A14
CE3
CE4
BD3
P2.5/A13
BD2
P2.4/A12
BD1
P2.3/A11
BD0
VLI
SDI
GND
P2.2/A10
P2.1/A9
P2.0/A8
XTAL1
XTAL2
P3.7/
RD
P3.6/
WR
P3.5/TI
PF
VRST
P3.4/T0
Dallas
Semiconductor
DS5002FP
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65
QFP
TOP VIEW


Similar Part No. - DS5002FP

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS5002FP DALLAS-DS5002FP Datasheet
447Kb / 29P
Secure Microprocessor Chip
DS5002FP DALLAS-DS5002FP Datasheet
1Mb / 25P
Secure Microprocessor Chip
logo
Maxim Integrated Produc...
DS5002FP MAXIM-DS5002FP Datasheet
1Mb / 25P
Secure Microprocessor Chip
REV: 072806
logo
Dallas Semiconductor
DS5002FP-16 DALLAS-DS5002FP-16 Datasheet
447Kb / 29P
Secure Microprocessor Chip
DS5002FPM-16 DALLAS-DS5002FPM-16 Datasheet
447Kb / 29P
Secure Microprocessor Chip
More results

Similar Description - DS5002FP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R6501 ETC-R6501 Datasheet
2Mb / 35P
ONE CHIP MICROPROCESSOR
logo
Dallas Semiconductor
DS5000FP DALLAS-DS5000FP Datasheet
434Kb / 22P
Soft Microprocessor Chip
logo
ATMEL Corporation
AT90SP0801 ATMEL-AT90SP0801 Datasheet
100Kb / 12P
Secure Signature Generation Chip
logo
Maxim Integrated Produc...
DS5003 MAXIM-DS5003 Datasheet
308Kb / 24P
Secure Microprocessor Chip
Rev 0; 3/08
logo
Dallas Semiconductor
DS5000FP DALLAS-DS5000FP_1 Datasheet
364Kb / 22P
Soft Microprocessor Chip
DS5002FP DALLAS-DS5002FP_1 Datasheet
447Kb / 29P
Secure Microprocessor Chip
DS5000FP DALLAS-DS5000FP_05 Datasheet
615Kb / 22P
Soft Microprocessor Chip
DS5002FP DALLAS-DS5002FP_06 Datasheet
1Mb / 25P
Secure Microprocessor Chip
logo
Maxim Integrated Produc...
DS5002 MAXIM-DS5002 Datasheet
1Mb / 25P
Secure Microprocessor Chip
REV: 072806
DS5000FP MAXIM-DS5000FP Datasheet
615Kb / 22P
Soft Microprocessor Chip
REV: 070605
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com