Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS75 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS75
Description  2.Wire Thermal Watchdog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS75 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS75 Datasheet HTML 1Page - Dallas Semiconductor DS75 Datasheet HTML 2Page - Dallas Semiconductor DS75 Datasheet HTML 3Page - Dallas Semiconductor DS75 Datasheet HTML 4Page - Dallas Semiconductor DS75 Datasheet HTML 5Page - Dallas Semiconductor DS75 Datasheet HTML 6Page - Dallas Semiconductor DS75 Datasheet HTML 7Page - Dallas Semiconductor DS75 Datasheet HTML 8Page - Dallas Semiconductor DS75 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS75
3 of 13
DS75 FUNCTIONAL BLOCK DIAGRAM Figure 1
OPERATION–Measuring Temperature
The core of DS75 functionality is its direct–to–digital temperature sensor. The DS75 measures
temperature through the use of an on–chip temperature measurement technique with an operating range
from –55
°C to +125°C. Temperature conversions are initiated upon power–up, and the most recent result
is stored in the thermometer register. Conversions are performed continuously unless the user intervenes
by altering the configuration register to put the DS75 into a shutdown mode. Regardless of the mode
used, the digital temperature can be retrieved from the temperature register by setting the pointer to that
location (00h, power–up default). The DS75 power–up default has the sensor automatically performing
9–bit conversions continuously. Details on how to change the settings after pow-er up are contained in the
“OPERATION– Programming” section.
The resolution of the temperature conversion is configurable (9, 10, 11, or 12 bits), with 9–bit readings
the default state. This equates to a temperature resolution of 0.5
°C, 0.25°C, 0.125°C, or 0.0625°C.
Following each conversion, thermal data is stored in the thermometer register in two’s complement
format; the information can be retrieved over the 2–wire interface with the device pointer set to the
temperature register. Table 2 describes the exact relationship of output data to measured temperature. The
table assumes the DS75 is configured for 12–bit resolution; if the device is configured in a lower
resolution mode, those bits will contain zeros. The data is transmitted serially over the 2–wire serial
interface, MSb first. The MSb of the temperature register contains the “sign” (S) bit, denoting whether the
temperature is positive or negative. For Fahrenheit usage, a lookup table or conversion routine must be
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com