Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2890V Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS2890V
Description  1-Wire Digital Potentiometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2890V Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS2890V Datasheet HTML 1Page - Dallas Semiconductor DS2890V Datasheet HTML 2Page - Dallas Semiconductor DS2890V Datasheet HTML 3Page - Dallas Semiconductor DS2890V Datasheet HTML 4Page - Dallas Semiconductor DS2890V Datasheet HTML 5Page - Dallas Semiconductor DS2890V Datasheet HTML 6Page - Dallas Semiconductor DS2890V Datasheet HTML 7Page - Dallas Semiconductor DS2890V Datasheet HTML 8Page - Dallas Semiconductor DS2890V Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
DS2890
2 of 27
PIN DESCRIPTION
SIGNAL
NAME
TYPE
FUNCTION
1-WIRE
I/O
1-Wire bus interface. Open drain, requires external pull-up resistor. Range:
2.8V – 6.0V. See HARDWARE CONFIGURATION for pull-up resistor
recommendations.
RH
I/O
High end terminal of potentiometer resistor element. Range: 0V – 11.0V.
Range independent of 1-Wire or VDD supply levels as well as the voltage
levels applied to the other potentiometer terminals.
RL
I/O
Low end terminal of potentiometer resistor element. Range: 0V – 11.0V.
Range independent of 1-Wire or VDD supply levels as well as the voltage
levels applied to the other potentiometer terminals.
WIPER
I/O
Potentiometer wiper terminal. Range 0V – 11.0V. Range independent of
1-Wire or VDD supply levels as well as the voltage levels applied to the other
potentiometer terminals.
VDD
PWR
Auxiliary power supply input. Range: 2.8V – 6.0V
GND
PWR
Ground
DESCRIPTION
The DS2890 is a linear taper digitally controlled potentiometer with 256 wiper positions.
Device
operation, including wiper position, is controlled over the single contact 1-Wire bus for the ultimate in
electrical interface simplicity.
With a wide 0–11 volt working voltage range for the potentiometer
terminals, the DS2890 is ideal for a broad range of industrial and control applications. Potentiometer
terminal voltage is independent of device supply voltage as well as the voltage applied to the other
potentiometer terminals. Communication with the DS2890 follows the standard Dallas Semiconductor
1-Wire protocol and can be accomplished with minimal hardware such as a single port pin of a
microcontroller.
Multiple DS2890 devices can reside on a common 1-Wire bus and be operated
independently of each other. Each DS2890 has its own unalterable 64-bit ROM registration number that
is factory lasered into the chip. The registration number guarantees unique identification for absolute
traceability and is used to address the device in a multi-drop 1-Wire Network environment. The DS2890
will respond to a 1-Wire Conditional Search command if the potentiometer wiper is set at the power-on
default position. This feature enables the bus master to easily determine whether a potentiometer has
gone through a power-on reset and needs to be re-configured with a required wiper position setting. The
DS2890 supports two power modes: 1-Wire only mode in which device power is supplied parasitically
from the 1-Wire bus or VDD mode where power is supplied from an external supply; when operating from
VDD mode wiper resistance is reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com