Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS80C320-ENG Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS80C320-ENG
Description  High-Speed/Low-Power Micro
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C320-ENG Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS80C320-ENG Datasheet HTML 6Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 7Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 8Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 9Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 10Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 11Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 12Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 13Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
DS80C320/DS80C323
10 of 42
SPEED ADVANTAGE SUMMARY
#Opcodes
Speed Improvement
159
3.0 x
51
1.5 x
43
2.0 x
2
2.4 x
255
Average: 2.5
MEMORY ACCESS
The DS80C320/DS80C323 contains no on-chip ROM and 256 bytes of scratchpad RAM. Off-chip
memory is accessed using the multiplexed address/data bus on P0 and the MSB address on P2. A typical
memory connection is shown in Figure 3. Timing diagrams are provided in the Electrical Specifications.
Program memory (ROM) is accessed at a fixed rate determined by the crystal frequency and the actual
instructions. As ment ioned above, an instruction cycle requires 4 clocks.
Data memory (RAM) is
accessed according to a variable speed MOVX instruction as described below.
TYPICAL MEMORY CONNECTION Figure 3
STRETCH MEMORY CYCLE
The DS80C320/DS80C323 allows the application software to adjust the speed of data memory access.
The microcontroller is capable of performing the MOVX in as little as two instruction cycles. However,
this value can be stretched as needed so that both fast memory and slow memory or peripherals can be
accessed with no glue logic. Even in high-speed systems, it may not be necessary or desirable to perform
data memory access at full speed. In addition, there are a variety of memory mapped peripherals such as
LCD displays or UARTs that are not fast.
The Stretch MOVX is controlled by the Clock Control Register at SFR location 8Eh as described below.
This allows the user to select a stretch value between 0 and 7. A Stretch of 0 will result in a two-machine
cycle MOVX. A Stretch of 7 will result in a MOVX of nine machine cycles. Software can dynamically
change this value depending on the particular memory or peripheral.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com