Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AU-Y1005-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AU-Y1005-R
Description  USB 1.1 A/F DIP 90 Connector for PCB Mount, 5 Gold, White
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AU-Y1005-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AU-Y1005-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
Compliant
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
Title
Modification
Id.
Date
Name
Date
Name
Drawing-No.
Replace
Sheet
ASSMANN WSW-No.
1/1
AU-Y1005-R
rev00
Wilson
30.11.12
USB 1.1 A/F DIP 90° Connector
for PCB Mount, 5—” Gold, White
1:1
Scale
X.X
X.XX
X.XXX
X.X°
X.XX°
±0.38
±0.25
±0.13
±3.0°
±1.0°
X.XXX° ±0.5°
Groll
30.11.12
Material:
• Housing: PBT+30% G.F. UL 94V-0
• Contact: Phosphor Bronze
• Shell: Bronze
• Plating Contact: Gold thickness 5—” and
Tin over nickel plated
• Plating Shell: Nickel plated over all
• Housing color: White
Electrical:
• Current-Max: 1.5A
• Voltage-Max: 30V
• Withstanding Voltage: 500V AC
• Contact Resistance: 30m
Max.
• Insulation Resistance: 1000M
Min.
Environmental
• Temperature range: -55°C~+85°C
15.70±0.30
12.50
6.85
3.85
3.10
7.12
13.90
7.00
2.00
1°4.50
13.14
7.00
2.00
4-ø0.92±0.10
2-ø2.30±0.10


Similar Part No. - AU-Y1005-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AU-Y1005-2-R ASSMANN-AU-Y1005-2-R Datasheet
59Kb / 1P
USB 2.0 A/F DIP 90 Connector for PCB Mount, 30 Gold, White
AU-Y1005-3 ASSMANN-AU-Y1005-3 Datasheet
126Kb / 1P
ASS 6300 CO
More results

Similar Description - AU-Y1005-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
690-009-521-013 ETC2-690-009-521-013 Datasheet
523Kb / 3P
USB-A RECEPTACLE 90 DIP, 3.0 VERSION
690-009-521-900 ETC2-690-009-521-900 Datasheet
502Kb / 3P
USB-A RECEPTACLE 90 DIP, 3.0 VERSION
logo
Assmann Electronics Inc...
A-USB-A-E-R ASSMANN-A-USB-A-E-R Datasheet
256Kb / 1P
USB 1.1, A version, Horizontal DIP Type
AU-Y1005-2-R ASSMANN-AU-Y1005-2-R Datasheet
59Kb / 1P
USB 2.0 A/F DIP 90 Connector for PCB Mount, 30 Gold, White
logo
List of Unclassifed Man...
U004-006 ETC2-U004-006 Datasheet
454Kb / 1P
USB / FireWire - USB 1.1 Gold Extension Cable
logo
Assmann Electronics Inc...
AK670M2-1-GR-R ASSMANN-AK670M2-1-GR-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male
AK670M2-2-GR-R ASSMANN-AK670M2-2-GR-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male
AK670M2-3-GR-R ASSMANN-AK670M2-3-GR-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male
AK670M2-5-GR-R ASSMANN-AK670M2-5-GR-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male
logo
Tripp Lite. All Rights ...
U004010R TRIPPLITE-U004010R Datasheet
473Kb / 2P
USB 1.1 Gold Extension Cable (USB-A M-F)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com