Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB917IOC Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPB917IOC
Description  Photologic창 Slotted Op tical Switches Type OPB917 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB917IOC Datasheet(HTML) 2 Page - OPTEK Technologies

  OPB917IOC Datasheet HTML 1Page - OPTEK Technologies OPB917IOC Datasheet HTML 2Page - OPTEK Technologies OPB917IOC Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type OPB917 Series
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972)323-2200
Fax (972)323-2396
PART NUMBER GUIDE
O P B 9 1 7 X X X
Optek
Assembly
Photologic®
Photo Integrated
Circuit
Optical Center
Line .90”
Electrical Specification Variations
B - Buffered with 10K
Ω pull-up
BOC - Buffered Open-Collector Output
I - Inverted with 10K
Ω pull-up
IOC - Inverted Open-Collector Output
BUFFER WITH 10K
PULL-UP RESISTOR
OPB917
I
OPB917B
LIGHT ON - OUTPUT HIGH
LIGHT ON - OUTPUT LOW
Anode
(Red)
Anode
(Red)
Anode
(Red)
Anode
(Red)
Cathode
(Black)
Cathode
(Black)
Cathode
(Black)
Cathode
(Black)
V
(White)
CC
OUTPUT
(Blue)
GROUND
(Green)
VREG
AMP
V
(White)
CC
OUTPUT
(Blue)
GROUND
(Green)
VREG
AMP
V
(White)
CC
V
(White)
CC
OUTPUT
(Blue)
OUTPUT
(Blue)
GROUND
(Green)
GROUND
(Green)
VREG
VREG
AMP
AMP
INVERTER WITH 10K
PULL-UP RESISTOR
INVERTER OPEN COLLECTOR
BUFFER OPEN COLLECTOR
OPB917 OC
I
OPB917BOC
LIGHT ON - OUTPUT HIGH
LIGHT ON - OUTPUT LOW
Schematics
39



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com