Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C7NP2E155 Datasheet(PDF) 2 Page - Okaya Electric America, Inc.

Part # C7NP2E155
Description  HIGH PULSE CAPACITOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

C7NP2E155 Datasheet(HTML) 2 Page - Okaya Electric America, Inc.

  C7NP2E155 Datasheet HTML 1Page - Okaya Electric America, Inc. C7NP2E155 Datasheet HTML 2Page - Okaya Electric America, Inc. C7NP2E155 Datasheet HTML 3Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
37
C7NP SERIES
HIGH PULSE CAPACITOR
Electrical Specifications
Operating Temperature: -40~+85°C
Rated
Voltage
2J
(630VDC)
3B
(1250VDC)
3C
(1600VDC)
Model Number
C7NP2J103
C7NP2J153
C7NP2J223
C7NP2J333
C7NP2J473
C7NP2J683
C7NP2J104
C7NP2J154
C7NP2J224
C7NP2J334
C7NP2J474
C7NP2J684
C7NP2J105
C7NP2J155
C7NP2J225
C7NP2J335
C7NP2J475
C7NP2J685
C7NP3B472
C7NP3B682
C7NP3B103
C7NP3B153
C7NP3B223
C7NP3B333
C7NP3B473
C7NP3B683
C7NP3B104
C7NP3B154
C7NP3B224
C7NP3B334
C7NP3B474
C7NP3B684
C7NP3B105
C7NP3C102
C7NP3C152
C7NP3C222
C7NP3C332
C7NP3C472
C7NP3C682
C7NP3C103
C7NP3C153
C7NP3C223
C7NP3C333
C7NP3C473
Dissipation
factor
Test
voltage
Insulation
resistance
0.001max.
(at 1kHz)
Rated Voltage
x 1.75VDC
(2~5sec)
C≤0.33μF
50,000MΩmin.
(at 20°C, 100VDC)
C>0.33μF
20,000Ω•Fmin.
(at 20°C, 100VDC)
Capacitance
μF
0.01
0.015
0.022
0.033
0.047
0.068
0.1
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
0.0047
0.0068
0.01
0.015
0.022
0.033
0.047
0.068
0.1
0.15
0.22
0.33
0.47
0.68
1.0
0.0001
0.0015
0.0022
0.0033
0.0047
0.0068
0.01
0.015
0.022
0.033
0.047
Dimensions (mm)
W
17.0
17.0
17.0
17.0
17.0
17.0
25.0
25.0
25.0
30.0
30.0
30.0
30.5
41.0
49.5
59.5
59.5
59.5
17.0
17.0
25.0
25.0
25.0
25.0
25.0
30.0
30.0
30.5
41.0
41.0
41.0
59.5
59.5
17.0
17.0
17.0
25.0
25.0
25.0
25.0
25.0
30.0
30.0
30.0
HT
6.5
6.5
6.5
6.5
6.5
8.0
6.5
8.0
10.0
11.0
11.0
13.5
16.0
15.5
20.5
21.5
30.5
30.5
6.5
8.0
6.5
6.5
8.0
10.0
10.0
11.0
13.5
16.0
15.5
15.5
17.5
21.5
30.5
6.5
6.5
8.0
6.5
6.5
8.0
8.0
10.0
11.0
13.5
13.5
13.5
13.5
13.5
13.5
13.5
15.0
16.0
17.5
19.5
22.0
22.0
24.5
28.0
28.0
33.0
35.5
43.5
43.5
13.5
15.0
16.0
16.0
17.5
19.5
19.5
22.0
24.5
28.0
28.0
28.0
32.5
35.5
43.5
13.5
13.5
15.0
16.0
16.0
17.5
17.5
19.5
22.5
24.5
24.5
F
15.0
15.0
15.0
15.0
15.0
15.0
22.5
22.5
22.5
27.5
27.5
27.5
27.5
37.5
45.0
55.0
55.0
55.0
15.0
15.0
22.5
22.5
22.5
22.5
22.5
27.5
27.5
27.5
37.5
37.5
37.5
55.0
55.0
15.0
15.0
15.0
22.5
22.5
22.5
22.5
22.5
27.5
27.5
27.5
d
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.0
1.0
-
-
-
-
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.0
1.0
1.0
1.0
-
-
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
Type
a
a
a
a
a
a
a
a
a
a
a
a
a
a
b
b
b
b
a
a
a
a
a
a
a
a
a
a
a
a
a
b
b
a
a
a
a
a
a
a
a
a
a
a
It is possible to use from more than 85°C to 105°C by derating of rated voltage.
:J=Tolerance of Capacitance ±5%, K=Tolerance of Capacitance ±10%
Metalized Polypropylene
Film Capacitor



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com