Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA201PMC6 Datasheet(PDF) 2 Page - Okaya Electric America, Inc.

Part # RA201PMC6
Description  SURGE PROTECTIVE DEVICES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

RA201PMC6 Datasheet(HTML) 2 Page - Okaya Electric America, Inc.

  RA201PMC6 Datasheet HTML 1Page - Okaya Electric America, Inc. RA201PMC6 Datasheet HTML 2Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
133
O3A
102
eg) In case of japan production
Model:
RA-102M-C6
DC spark-over voltage: 1,000V
Tolerance:
±20%→O
Calendar:
2013→3
Manufactured month:
January→A
15 max.
25 min.
3±1
*1.5~2.5 min.
φ 0.45 "Dumet" wire leads
glicoat processed
Unit: mm
F
P1
P
A
P2
dP0
Δh
Δh
D0
● Taping Dimensions (RA-XXXP/M-C6-Y)
Unit: mm
● Forming Dimensions (RA-XXXP/M-C6-F)
● Description of marking
+0.6
-0.2
* Accumulative pitch error: 4 pitches 50.8±0.6mm,
20 pitches 254±1.5mm
Description
Product height from board
Lamp pitch
Hole pitch
Pitch between leads
Declining
Paper width
Hole position
Lead clinch height
Product height
Hole diameter
Paper thickness
Dimension (mm)
Symbol
Height
Lamp Diameter
Lead Diameter
RA
15.0 max.
φ 6.1 max.
φ 0.45±0.05
17.0 max.
12.7±1.0
12.7±0.3*
3.85±0.7
6.35±1.3
5.0
±2.0
18.0±0.5
9.0±0.5
16.0±0.5
(33.5)
φ 4.0±0.2
0.7±0.2
L
A
d
L1
P
P0
P1
P2
F
Δh
W
W1
H0
H1
D0
t
Hole position
Month
Symbol
1
A
2
B
3
D
4
E
5
F
6
G
7
H
8
J
9
K
10
L
11
M
12
N
······ DC Sparkover Voltage
×10
············· T
: China production
None : Japan production
············· Tolerance ±20% (Symbol O)*1
············· Last digit of the calendar year eg.) 2013→3
············· The month manufactured (see below)
*¹ Tolerance of 311 ±15% (Symbol M)
RA-C6 SERIES
SURGE PROTECTIVE DEVICES
RA-C6-Y: 2,000 pcs
● Packing Quantity per Carton



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com