Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGC-7-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # AGC-7-R
Description  Fast-Acting 1/4 x 1 1?? Glass Tube Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

AGC-7-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  AGC-7-R Datasheet HTML 1Page - Cooper Bussmann, Inc. AGC-7-R Datasheet HTML 2Page - Cooper Bussmann, Inc. AGC-7-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1113
BU-SB131067
Page 1 of 3
Data Sheet 2543
Fast-Acting 1/4” x 1 1⁄4” Glass Tube Fuses
AGC Series
Description
• Fast-acting
• Optional axial leads available
•
1⁄4” x 1 1⁄4” (6.3 x 32mm) physical size
• Glass tube, nickel-plated brass endcap construction
• UL Listed product meets standard 248-14
Agency Information
• UL Listed Card: AGC 1⁄20-10
• UL Recognition Card: AGC 11-40
• CSA Component Acceptance Card (Class No. 1422 30)
• CSA Certification Card (Class No. 1422 01)
Environmental Data
• Shock:
1⁄20 - 3⁄4A – MIL-STD-202, Method 213, Test Condition I; 1 - 30A –
MIL-STD-202, Method 207, (HI Shock)
• Vibration:
1⁄20 - 30A – MIL-STD-202,Method 204, Test Condition A
(Except 5g, 500Hz)
Ordering
• Specify packaging code prefix, part number and option code suffix
(if applicable)
Specifications
• See page 2
Dimensions - in


Similar Part No. - AGC-7-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
AGC-7-R EATON-AGC-7-R Datasheet
492Kb / 2P
1/4??x 1 1????Fast-acting glass tube fuses
AGC-7-R EATON-AGC-7-R Datasheet
953Kb / 5P
1/4” x 1-1⁄4” Fast-acting glass tube fuses
2020
More results

Similar Description - AGC-7-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
AGW-212 COOPER-AGW-212 Datasheet
241Kb / 2P
Fast-Acting 1??? x 7??? Glass Tube Fuses
BKABC-20-R COOPER-BKABC-20-R Datasheet
210Kb / 2P
1????x 1 1????Glass Tube Fuses ABC Series, Fast-Acting, Ceramic Tube
AGC-V-4 COOPER-AGC-V-4 Datasheet
307Kb / 3P
Fast-Acting 1/4 x 1 1/4 Glass Tube Fuses AGC Series
ABC-10A COOPER-ABC-10A Datasheet
279Kb / 2P
1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
AGW-1 COOPER-AGW-1_13 Datasheet
215Kb / 2P
Fast-Acting 1/4??x 7/8??Glass Tube Fuses
logo
Eaton All Rights Reserv...
AGC EATON-AGC Datasheet
492Kb / 2P
1/4??x 1 1????Fast-acting glass tube fuses
ABC EATON-ABC Datasheet
260Kb / 2P
1????x 1 1????Fast-acting ceramic tube fuses
AGW EATON-AGW Datasheet
371Kb / 2P
1/4 x 7/8 Fast-acting glass tube fuses
AGX EATON-AGX Datasheet
409Kb / 2P
1/4??x 1??Fast-acting glass tube fuses
AGC EATON-AGC_V01 Datasheet
953Kb / 5P
1/4” x 1-1⁄4” Fast-acting glass tube fuses
2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com