Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTXO Datasheet(PDF) 2 Page - EUROQUARTZ limited

Part # HTXO
Description  Temperature Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

HTXO Datasheet(HTML) 2 Page - EUROQUARTZ limited

  HTXO Datasheet HTML 1Page - EUROQUARTZ limited HTXO Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
HOW TO ORDER HTXO SMD CRYSTAL OSCILLATORS
HTXO 4
B
S
T
-
SM5 -
20.0M /
-
/
-
/ 500
/
Q
Blank = standard
S = special or
custom
Enable/Disable
option T or N
Termination
Blank = SM1= Gold plated
SM5 = Solder dipped
(SM1 and SM5 are pB free)
Frequency
M = MHz
Temp. Range
Q = +25° to +225°C
W = +25dC to 250°C
S = Customer
specified temp.
range
Supply Voltage
4 = 3.3V
5 = 5.0V
Supply Voltage:
-0.5V to +6.0V (5.V VDD)
Storage Temperature:
-55° to +125°C
Output:
Frequency Output
Frequency Output
Oscillator:
Oscillates
Oscillates
Current:
Normal
Normal
Enable (Pin 1 Low)
ABSOLUTE MAXIMUM RATINGS
There are two Enable/Disable options available, T and N. The T-
version has a tri-state output and oscillates internally when the output
is put into the High Z state. The N-version does not have Pin 1
connected internally and has no enable/disable capability. The
following table describes the Enable/Disable option T.
Disable (Pin 1 High)
T
N
Output:
High Z state
N/C
Oscillator:
Stops
N/C
Current:
Very low
N/C
ENABLE/DISABLE OPTIONS
Page 2 of 2
Shock Level
A = 5,000g
B = 10,000g
C = 20,000g
D = 30,000g
250° HTXO OSCILLATOR
High Temperature Crystal Oscillator
1.5MHz to 50MHz
Total
Frequency
Tolerance
(In ppm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com