Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B40C5000 Datasheet(PDF) 1 Page - Dc Components

Part # B40C5000
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

B40C5000 Datasheet(HTML) 1 Page - Dc Components

  B40C5000 Datasheet HTML 1Page - Dc Components B40C5000 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(10.2)
(9.8)
(7.6)
(7.2)
(7.6)
(7.2)
(9.3)
(8.8)
FEATURES
* High surge cuhent capability
* Ideal for printed circuit board
* Low forward voltage
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RS-5
Dimensions in inches and (millimeters)
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Symbols molded or marked on body
* Mounting position: Any
* Weight: 25.3 grams
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
SYMBOL
VRRM
VDC
IO
IFSM
VRMS
Volts
Volts
Volts
Amps
5.0
30
Amps
UNITS
50
100
200
400
600
800
1000
70
35
140
280
420
700
560
RS501
RS502
RS503
RS504
RS505
RS506
RS507
Maximum Average Forward Output Current at TA = 50
oC
50
100
200
400
600
800
1000
I
2t Rating for Fusing (t<8.3ms)
I
2t
312
A
2Sec
Typical Junction Capacitance ( Note1)
CJ
15
pF
Typical Thermal Resistance (Note 2)
R
θJA
2.0
0C/W
VF
IR
1.0
500
Maximum CD Reverse Current at Rated
Maximum Forward Voltage Drop per element at 3.0A DC
Volts
@TA = 25
oC
@TA = 100
oC
DC Blocking Voltage per element
10
Operating Temperature Range
T STG
-55 to + 150
0C
TJ
-55 to + 125
0C
Storage Temperature Range
NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts
2. Thermal Resistance from Junction to Ambient and from junction to lead mounted on P.C.B. with 0.47 x 0.47" (12x12mm) copper pads.
VOLTAGE RANGE - 50 to 1000 Volts
CURRENT - 5.0 Amperes
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
uAmps
B40C
RS501
5000
THRU
B380C RS507
5000
.825(21.0)
.795(20.2)
.855(21.7)
.825(21.0)
.042(1.07)
.038(0.97)
1.0
(25.4)
.188(4.8)x45•
.195(5.0)
.180(4.6)
.265(6.7)
.245(6.2)
1.580(40.1)
1.550(39.4)
B40C
B80C
B125C
B250C
B380C
5000
5000
5000
5000
5000
.400
.385
.300
.285
.300
.285
.365
.345
SPACIN
206
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - B40C5000

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B40C5000 WTE-B40C5000 Datasheet
45Kb / 3P
5.0A BRIDGE RECTIFIER
B40C5000 WTE-B40C5000 Datasheet
47Kb / 4P
5.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Diotec Semiconductor
B40C5000 DIOTEC-B40C5000 Datasheet
161Kb / 2P
Single Phase Bridge Rectifier
logo
Semikron International
B40C5000-3000 SEMIKRON-B40C5000-3000 Datasheet
198Kb / 2P
Silicon-Bridge Rectifiers
B40C5000-3000 SEMIKRON-B40C5000-3000 Datasheet
202Kb / 2P
Silicon-Bridge Rectifiers
More results

Similar Description - B40C5000

ManufacturerPart #DatasheetDescription
logo
Dc Components
BR2505 DCCOM-BR2505 Datasheet
433Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR5005 DCCOM-BR5005 Datasheet
430Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBH2A DCCOM-KBH2A Datasheet
356Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC6005 DCCOM-KBPC6005 Datasheet
439Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR3505L DCCOM-BR3505L Datasheet
186Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR1505L DCCOM-BR1505L Datasheet
186Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR1505 DCCOM-MBR1505 Datasheet
288Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR1505W DCCOM-MBR1505W Datasheet
263Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR2505 DCCOM-MBR2505 Datasheet
288Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR2505W DCCOM-MBR2505W Datasheet
263Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com