Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5KP11 Datasheet(PDF) 4 Page - Dc Components

Part # 5KP11
Description  TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

5KP11 Datasheet(HTML) 4 Page - Dc Components

  5KP11 Datasheet HTML 1Page - Dc Components 5KP11 Datasheet HTML 2Page - Dc Components 5KP11 Datasheet HTML 3Page - Dc Components 5KP11 Datasheet HTML 4Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
R
DC COMPONENTS CO., LTD.
5KP (5000W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
1.VBR measured after IT applied for 300µs. IT = Square Wave Pulse or equivalent.
2.For bidirectonal use C or CA suffixs for all types (ex. 5KP5.0C, 5KP180CA).
electrical characteristics apply in both directions.
3.For bidirectional types having VWM of 10 volts and less, the ID limit is doubled.
NOTES :
5KP36
40.0
48.9
5.0
36.0
10
78
64.3
5KP36A
40.0
44.2
5.0
36.0
10
86
58.1
5KP40
44.4
54.3
5.0
40.0
10
70
71.4
5KP40A
44.4
49.1
5.0
40.0
10
78
64.5
5KP43
47.8
58.4
5.0
43.0
10
65
76.7
5KP43A
47.8
52.8
5.0
43.0
10
62
80.3
5KP45
50.0
61.1
5.0
45.0
10
62
80.3
5KP45A
50.0
55.3
5.0
45.0
10
69
72.7
5KP48
53.3
65.2
5.0
48.0
10
58
85.5
5KP48A
53.3
58.9
5.0
48.0
10
65
77.4
5KP51
56.7
69.3
5.0
51.0
10
55
91.1
5KP51A
56.7
62.7
5.0
51.0
10
61
82.4
5KP54
60.0
73.3
5.0
54.0
10
52
96.3
5KP54A
60.0
66.3
5.0
54.0
10
49
87.1
5KP58
64.4
66.3
5.0
58.0
10
49
103
5KKP58A
64.4
71.2
5.0
58.0
10
53
93.6
5KP60
66.7
81.5
5.0
60.0
10
47
107
5KP60A
66.7
73.7
5.0
60.0
10
52
96.8
5KP64
71.1
86.9
5.0
64.0
10
44
114
5KP64A
71.1
78.6
5.0
64.0
10
49
103
5KP70
77.8
95.1
5.0
70.0
10
40
125
5KP70A
77.8
86.0
5.0
70.0
10
44
113
5KP75
83.3
102
5.0
75.0
10
37
134
5KP75A
83.3
92.1
5.0
75.0
10
41
121
5KP78
86.7
106
5.0
78.0
10
36
139
5KP78A
86.7
95.8
5.0
78.0
10
40
126
5KP85
94.4
1 15
5.0
85.0
10
33
151
5KP85A
94.4
104
5.0
85.0
10
36
137
5KP90
100
122
5.0
90.0
10
31
160
5KP90A
100
1 1 1
5.0
90.0
10
34
146
5KP100
1 1 1
136
5.0
100
10
28
179
5KP100A
1 1 1
123
5.0
100
10
31
162
5KP1 10
122
149
5.0
1 10
10
26
196
5KP1 10A
122
135
5.0
1 10
10
28
177
5KP120
133
163
5.0
120
10
23
215
5KP120A
133
148
5.0
120
10
26
194
5KP150
166
204
5.0
150
10
19
269
5KP150A
166
186
5.0
150
10
21
242
5KP160
178
217
5.0
160
10
17
285
5KP160A
178
196
5.0
160
10
19
285
5KP170
189
230
5.0
170
10
17
302
5KP170A
189
208
5.0
170
10
18
273
5KP180
200
245
5.0
180
10
16
322
5KP180A
200
222
5.0
180
10
17
292
183
NEXT
BACK
EXIT
NEXT
BACK
EXIT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com