Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3618 Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LTC3618
Description  Dual 4MHz, 3A Synchronous Buck Converter for DDR Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3618 Datasheet(HTML) 3 Page - Linear Integrated Systems

  LTC3618 Datasheet HTML 1Page - Linear Integrated Systems LTC3618 Datasheet HTML 2Page - Linear Integrated Systems LTC3618 Datasheet HTML 3Page - Linear Integrated Systems LTC3618 Datasheet HTML 4Page - Linear Integrated Systems LTC3618 Datasheet HTML 5Page - Linear Integrated Systems LTC3618 Datasheet HTML 6Page - Linear Integrated Systems LTC3618 Datasheet HTML 7Page - Linear Integrated Systems LTC3618 Datasheet HTML 8Page - Linear Integrated Systems LTC3618 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC3618
3
3618fb
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Voltage Range
l
2.25
5.5
V
VUVLO
Undervoltage Lockout Threshold
SVIN Ramping Down
1.8
V
SVIN Ramping Up
2.2
V
OVLO
Overvoltage Lockout Threshold
SVIN Ramping Down
Hysteresis
6.2
300
V
mV
VFB1
VDDQ Feedback Voltage Internal
Reference with Line and Load
Regulation
(Note 3) VTRACK/SS1 = SVIN
0°C < TJ < 85°C
–40°C < TJ < 125°C
l
0.592
0.590
0.6
0.608
0.610
V
V
Feedback Voltage External Reference
(Note 6)
(Note 3) VTRACK/SS1 = 0.3V
0.289
0.3
0.311
V
(Note 3) VTRACK/SS1 = 0.5V
0.489
0.5
0.511
V
VFB2
VTT Feedback Reference Voltage with
Line and Load Regulation
VDDQIN = 1.5V
l
VTTR – 6
VTTR
VTTR + 6
mV
VTTR
VTTR Output Voltage with Line and
Load Regulation
VDDQIN = 1.5V, ILOAD = ±10mA,
CLOAD = < 0.1μF
l 0.49 • VDDQ 0.5 • VDDQ 0.51 • VDDQ
V
IFB
Feedback Input Current
VFBx = 0.6V
l
0
±30
nA
VTTR Maximum Output Current
±10
mA
IS
Input Supply Current, Active Mode
VFB1 = 0.5V, VMODE = SVIN, VRUN1 = SVIN,
VRUN2 = 0V, (Note 5)
2.4
mA
VFBx = 0.5V, VMODE = SVIN, VRUNx = SVIN,
(Note 5)
2.8
mA
Input Supply Current, Shutdown
SVIN = PVIN = 5.5V, VRUNx = 0V
0.1
1
μA
RDS(ON)
Top Switch On-Resistance
PVINx = 3.3V (Note 9)
75
mΩ
Bottom Switch On-Resistance
PVINx = 3.3V (Note 9)
55
mΩ
ILIMX
Peak Current Limit
Positive Limit
Negative Limit
Sourcing (Note 7), VFBX = 0.5V
Sinking (Note 7), VFBX = 0.7V
4.2
–2.5
5.5
–3.5
8.0
–5.5
A
A
ISW(LKG)
Switch Leakage Current
SVIN = PVIN = 5.5V, VRUNx = 0V
0.01
1
μA
gm(EA)
Error Amplifier Transconductance
–5μA < ITH < 5μA
240
μmho
IEAO
Error Amplifier Output Current
(Note 4)
±30
μA
tSOFT-START1
VDDQ Internal Soft-Start Time
VFB1 from 0.06V to 0.54V,
TRACK/SS1 = SVIN
0.5
1.1
2
ms
tSOFT-START2
VTT Internal Soft-Start Time
VFB2 from 0V to 0.75V
0.25
0.6
1
ms
RON(TRACK/SS1_DIS) TRACK/SS1 Pull-Down Resistance
at Start-Up
200
Ω
tTRACK/SS1_DIS
Soft-Start Discharge Time at Start-Up
65
μs
fOSC
Oscillator Frequency
RRT = 178k
l
1.85
2.25
2.65
MHz
Internal Default Oscillator Frequency
VRT = SVIN
l
1.8
2.25
2.7
MHz
fSYNC
Synchronization Frequency
tLOW , tHIGH > 30ns
0.4
4
MHz
VMODE/SYNC
SYNC Level High Voltage
1.2
V
SYNC Level Low Voltage
0.3
V
ϕSW1–SW2
Output Phase Shift Between SW1
and SW2
VPHASE < 0.15 • SVIN
0Deg
0.35 • SVIN < VPHASE < 0.65 • SVIN
90
Deg
VPHASE > 0.85 • SVIN
180
Deg
The
l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2), SVIN = PVINx = 3.3V, RT = 178k, unless otherwise
specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com