Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTS-5003AWC Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTS-5003AWC
Description  0.56 Seven-Segment Numeric LED Display
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-5003AWC Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTS-5003AWC Datasheet HTML 1Page - Lite-On Technology Corporation LTS-5003AWC Datasheet HTML 2Page - Lite-On Technology Corporation LTS-5003AWC Datasheet HTML 3Page - Lite-On Technology Corporation LTS-5003AWC Datasheet HTML 4Page - Lite-On Technology Corporation LTS-5003AWC Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
9-156
Typical Electrical/Optical Characteristic Curves
(25
Ambient Temperature Unless Otherwise Noted)
LTS-5701AY/5703AY/LTD-5721AY/5723AY/LTC-5653Y-01/5753Y-01
Parameter
Symbol
Min.
Typ.
Max.
Unit
Tset Condition
Average Luminous Intensity
Peak Emission Wavelength
Spectral Line Half-Width
Dominant Wavelength
Forward Voltage, Per Segment or D.P.
Reverse Current, Per Segment or D.P.
Luminous Intensity Matching Ratio
I V
P
d
VF
IR
IV-m
800
2400
585
35
588
2.1
2.6
100
2:1
cd
nm
nm
nm
V
A
IF=10mA
IF=20mA
IF=20mA
IF=20mA
IF=20mA
VR=5V
IF=10mA
Note: Luminous intensity is measured with a light sensor and filter combination that appoximates the CIE (Commision
Internationale De L'Eclairage)eye-response curve.
14-5x01a.p65
2000/7/11, ¤U¤È 06:55
Page 156
Adobe PageMaker 6.5C/Win



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com