Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XEB04701 Datasheet(PDF) 1 Page - Okaya Electric America, Inc.

Part # XEB04701
Description  SPARK QUENCHER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

XEB04701 Datasheet(HTML) 1 Page - Okaya Electric America, Inc.

  XEB04701 Datasheet HTML 1Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
XEB01001
XEB04701
XEB12001
XEB22001
XEB47001
XEB010033
XEB047033
XEB120033
XEB220033
XEB470033
XEB0101
XEB0471
XEB1201
XEB2201
XEB4701
XEB0102
XEB0472
XEB1202
XEB2202
XEB0103
XEB0473
XEB1203
XEB2203
XEB0105
XEB0475
XEB01010
59
Electrical Specifications
● Dimensions
Features
Applications
● Rated voltage 250VAC, compact size.
● Suppressing mechanical occurring switching
surge Automatic machines and Office appliances.
Unit: mm
Operating Temperature: -40~+100°C
UL
CSA
VDE
SEV
SEMKO
NEMKO
FIMKO
DEMKO
:UL1414
:C22.2 No.1
:IEC/EN 60384-14: 2005
:IEC/EN 60384-14: 2005
:IEC/EN 60384-14: 2005
:IEC/EN 60384-14: 2005
:IEC/EN 60384-14: 2005
:IEC/EN 60384-14: 2005
E47474
LR37404
400 21694
10.0483
700678
P07207757
FI23306
314240-01
Safety Standard
File No.
Safety
Standard
Class
Model
Number
Capacitance
μF±20%
Rated Voltage
250VAC
● Circuit
● Model numbering system
Series Name
Resistance
Capacitance
01
033
1
2
3
5
10
0.01μF
0.033μF
0.1μF
0.2μF
0.3μF
0.5μF
1.0μF
010
047
120
220
470
10Ω
47Ω
120Ω
220Ω
470Ω
E
XB
W±0.5
F±1
φ4.3
W±0.5
F±1
W±0.5
F±1
*200±20, 300±30 available
AWG20
(AWG20)
UL-1007,CSA TR-64
AWG20
Type: a
Type: b
Type: c
Soldering
Soldering
Soldering
X2
0.01
0.033
0.1
Resistance
Ω±30%
10(1/4W)
47(1/4W)
120(1/4W)
220(1/4W)
470(1/4W)
10(1/4W)
47(1/4W)
120(1/4W)
220(1/4W)
470(1/4W)
10(1/2W)
47(1/2W)
120(1/2W)
220(1/2W)
470(1/2W)
10(1/2W)
47(1/2W)
120(1/2W)
220(1/2W)
10( 1 W )
47( 1 W )
120( 1 W )
220( 1 W )
10( 1 W )
47( 1 W )
10( 1 W )
0.2
0.3
0.5
1.0
Type
a
b
c
Dimensions
WH
T
F
16.0
19.0
21.5
30.0
37.0
18.0
25.0
28.0
39.0
48.0
8.0
8.5
11.0
16.0
22.0
12.5
15.0
17.0
26.0
33.0
Peak to
peak
Pulse
width
Repetitive
frequency
Pulse width
(sec) x
Frequency(Hz)
Pulse condition (max.)
4.5
3.0
1.5
0.8
0.45
3.0
2.0
1.0
0.5
0.25
1.5
1.0
0.45
0.2
0.1
0.5
0.3
0.15
0.08
0.2
0.1
0.05
0.02
0.18
0.05
0.15
800V 50msec 120Hz
Peak
Pulse
Voltage
Test
Voltage
Insulation
Resistance
Line to Line
1,250VAC
50/60Hz
60sec
Line to Case
2,000VAC
50/60Hz
60sec
Line to Line
15×10³MΩ
min.
except:
XEB0105
0475,01010
5,000MΩ
min.
(500VDC)
Line to Case
1×105MΩ
min.
(500VDC)
1,200V
max.
The combination of Resistance and
Capacitance is shown in following chart.
XEB SERIES
SPARK QUENCHER


Similar Part No. - XEB04701

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
XEB04701 OKAYA-XEB04701 Datasheet
467Kb / 1P
SPARK QUENCHER
More results

Similar Description - XEB04701

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
S120033 OKAYA-S120033 Datasheet
292Kb / 1P
SPARK QUENCHER
AU120033 OKAYA-AU120033 Datasheet
382Kb / 1P
SPARK QUENCHER
RE120001 OKAYA-RE120001 Datasheet
306Kb / 1P
SPARK QUENCHER
XA120033 OKAYA-XA120033 Datasheet
284Kb / 1P
SPARK QUENCHER
XE01001 OKAYA-XE01001 Datasheet
401Kb / 1P
SPARK QUENCHER
CRH-10680 OKAYA-CRH-10680 Datasheet
315Kb / 1P
SPARK QUENCHER
3RMES-121 OKAYA-3RMES-121 Datasheet
239Kb / 1P
SPARK QUENCHER
AU120033 OKAYA-AU120033_14 Datasheet
80Kb / 1P
SPARK QUENCHER
RE12001 OKAYA-RE12001_14 Datasheet
78Kb / 1P
SPARK QUENCHER
XA120033 OKAYA-XA120033_14 Datasheet
49Kb / 1P
SPARK QUENCHER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com