Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZP1040 Datasheet(PDF) 1 Page - Okaya Electric America, Inc.

Part # ZP1040
Description  SURGE PROTECTIVE DEVICES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

ZP1040 Datasheet(HTML) 1 Page - Okaya Electric America, Inc.

  ZP1040 Datasheet HTML 1Page - Okaya Electric America, Inc. ZP1040 Datasheet HTML 2Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RSSA
140
ZP, CP, U, B SERIES
● Dimensions
Unit: mm
min
W±0.4
Cathode marking (ZP, U)
φ D±0.4
φ d±0.05
min
Series
1000
1500
2000
3000
5000
Dimensions (mm)
* ZP: Unidirectional, CP: Dual-directional,
: Both ZP and CP
Electrical Specifications
Model Number*¹
1007
ZP1010
1012
1016
1018
ZP1027
ZP1040
1050*²
ZP1060
ZP1075*²
ZP1120
7.5
10
12
16
18
27
40
50
60
75
120
VBR (V)
IT (mA)
Breakdown Voltage
6.05
8.10
9.72
12.9
14.5
21.8
32.4
40.5
48.6
60.7
97.0
200
10
5
1
VWM (V)
IR (μA)
Standoff Voltage
419
311
267
213
178
120
83
68.9
52.6
42.2
27.3
IPPM (A)
VC (V)
Surge Waveform 8/20μsec
Maximum peak pulse power 6,000W (8/20μsec)
1000 Series
14.3
19.5
22.7
28.4
34.0
50.5
73.0
88.0
114
142
222
Model Number*
1.5K007
1.5K018
1.5K022
1.5K033
1.5K047
7.5
18
22
33
47
10
VBR (V)
IT (mA)
Breakdown Voltage
6.05
14.5
17.8
26.8
38.1
1,000
15
VWM (V)
IR (μA)
Standoff Voltage
1034
462
382
253
178
14.5
32.5
39.3
59.0
84.0
IPPM (A)
VC (V)
Surge Waveform 8/20μsec
Maximum peak pulse power 15,000W (8/20μsec)
1500 Series
*¹ ZP: Unidirectional, CP: Dual-directional,
: Both ZP and CP
*² Requirements may vary depending on the quantity orderd. Please ask for details.
SURGE PROTECTIVE DEVICES
The Silicon Surge Absorber is available in five
series that support the countermeasure against a
wide range of surge from low to high, including
electrostatic discharges and lightning surges. The
device may also be used as a constant voltage
device where high voltage or high power is
required.
20
d
0.6
1.0
1.2
W
5.0
9.7
8.6
12.3
D
2.8
5.3
8.5
9.7
Series
1000
1500
2000
3000
5000
8/20μs
Maximum permissible power
Dual-directional
CP
CP
B
B
B
Unidirectional
ZP
ZP
U
U
U
ABD
(Avalanche Breakdown Diode)
6,000 W
15,000W
18,000W
34,000W
44,000W
10/100μs
500 W
1,300W
1,500W
3,500W
5000W


Similar Part No. - ZP1040

ManufacturerPart #DatasheetDescription
logo
Zhengzhou Winsen Electr...
ZP10 WINSEN-ZP10 Datasheet
430Kb / 5P
Vehicle-Mounted Fuel Gas Leakage Detection Module
logo
Shenzhen Luguang Electr...
ZP10000A LUGUANG-ZP10000A Datasheet
2Mb / 2P
Rectifier Diodes
logo
ZHEJIANG HUAJING RECTIF...
ZP1000A HUAJING-ZP1000A Datasheet
254Kb / 3P
Rectifier Diode
logo
Shenzhen Luguang Electr...
ZP1000A LUGUANG-ZP1000A Datasheet
2Mb / 2P
Rectifier Diodes
logo
List of Unclassifed Man...
ZP1000A ETC-ZP1000A Datasheet
98Kb / 1P
ZP series silicon rectifier
More results

Similar Description - ZP1040

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
LVF-Q OKAYA-LVF-Q Datasheet
110Kb / 1P
SURGE PROTECTIVE DEVICES
LV-Q OKAYA-LV-Q Datasheet
107Kb / 2P
SURGE PROTECTIVE DEVICES
R38-900-BOL OKAYA-R38-900-BOL Datasheet
101Kb / 1P
SURGE PROTECTIVE DEVICES
RA-C6 OKAYA-RA-C6 Datasheet
253Kb / 2P
SURGE PROTECTIVE DEVICES
RAM-BWZ OKAYA-RAM-BWZ Datasheet
90Kb / 1P
SURGE PROTECTIVE DEVICES
RAV-BWZ-4 OKAYA-RAV-BWZ-4 Datasheet
120Kb / 2P
SURGE PROTECTIVE DEVICES
RAV-L-A OKAYA-RAV-L-A Datasheet
70Kb / 1P
SURGE PROTECTIVE DEVICES
RAV-LDF OKAYA-RAV-LDF Datasheet
79Kb / 1P
SURGE PROTECTIVE DEVICES
RHCA4532 OKAYA-RHCA4532 Datasheet
128Kb / 2P
SURGE PROTECTIVE DEVICES
RSPD-Q OKAYA-RSPD-Q Datasheet
98Kb / 2P
SURGE PROTECTIVE DEVICES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com