Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICSLV810 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICSLV810
Description  BUFFER/CLOCK DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICSLV810 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICSLV810 Datasheet HTML 6Page - Integrated Device Technology ICSLV810 Datasheet HTML 7Page - Integrated Device Technology ICSLV810 Datasheet HTML 8Page - Integrated Device Technology ICSLV810 Datasheet HTML 9Page - Integrated Device Technology ICSLV810 Datasheet HTML 10Page - Integrated Device Technology ICSLV810 Datasheet HTML 11Page - Integrated Device Technology ICSLV810 Datasheet HTML 12Page - Integrated Device Technology ICSLV810 Datasheet HTML 13Page - Integrated Device Technology ICSLV810 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ICSLV810
BUFFER/CLOCK DRIVER
FAN OUT BUFFER
IDT™ / ICS™ BUFFER/CLOCK DRIVER
13
ICSLV810
REV H 051310
Revision History
Rev.
Originator
Date
Description of Change
A
P.Griffith
03/25/05
New device/datasheet.
B
P.Griffith
05/02/05
Released from Preliminary to final; changed Short Circuit Current parameter in 2.5 V DC
Char table to ±80 mA; changed Short Circuit Current parameter in 1.5 V DC Char table to
±35 mA
C
P.Griffith
05/12/05
Added bullet in “Features” for operating voltage of 2.5 V on Bank A and specified that
operating voltages of 1.5 and 2.5 V are on Banks B and C; changed block diagram input
and pin 1 from IN to CLKIN; removed +1.5 V spec from pin 4 and pin 8 descriptions; added
“VDDA + 1.2 V” to “All Inputs and Outputs” section of Absolute Maximum Ratings; added
min and max values for Banks A, B, and C “Power Supply Voltage” in Recommended
Operating Conditions; expanded DC Electrical Char tables in to include a separate table
for Banks A, B, and C; expanded AC Electrical Char tables in to include a separate table
for Banks A, B, and C;
D
P.Griffith
06/21/05
Added 209 mil 20-pin SSOP package and ordering info.
E
K. Beckmeyer
07/27/05
Specified operating voltage on Bank A from 1.5V to 2.5V; Added figures 4 and 5 on page
10 to explain Pulse Skew and Part-to-Part Skew; Changed Output Frequency Max
Specification to 133MHz in AC Electrical Char tables for Banks A, B, and C; Added Duty
Cycle Spec for VDD = 1.5V in AC Electrical Char tables for Banks A, B, C; Changed CLK
conditions in DC Electrical Char tables on Banks B and C; removed SOIC package.
F
K. Beckmeyer
10/13/05
Added “LF” packaging and ordering info to both “R” and”F” packages.
G
12/17/09
Added EOL note for non-gren parts.
H
05/13/10
Removed EOL note and non-green orderables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com