Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM6519ALARUB6F Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM6519ALARUB6F
Description  4-pin Smart Reset?
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6519ALARUB6F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM6519ALARUB6F Datasheet HTML 11Page - STMicroelectronics STM6519ALARUB6F Datasheet HTML 12Page - STMicroelectronics STM6519ALARUB6F Datasheet HTML 13Page - STMicroelectronics STM6519ALARUB6F Datasheet HTML 14Page - STMicroelectronics STM6519ALARUB6F Datasheet HTML 15Page - STMicroelectronics STM6519ALARUB6F Datasheet HTML 16Page - STMicroelectronics STM6519ALARUB6F Datasheet HTML 17Page - STMicroelectronics STM6519ALARUB6F Datasheet HTML 18Page - STMicroelectronics STM6519ALARUB6F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
STM6519
DC and AC parameters
Doc ID 022111 Rev 6
15/25
8
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in Table 4: DC and AC characteristics are
derived from tests performed under the measurement conditions summarized in Table 3:
Operating and measurement conditions. Designers should check that the operating
conditions in their circuit match the operating conditions when relying on the quoted
parameters.
Table 3.
Operating and measurement conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.0 to 5.5
V
TA
Ambient operating temperature
-40 to +85
°C
tR, tF
Input rise and fall times
≤ 5ns
Input pulse voltages
0.2 to 0.8 VCC
V
Input and output timing reference voltages
0.3 to 0.7 VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com