Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM6519AHARUB6F Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM6519AHARUB6F
Description  4-pin Smart Reset?
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6519AHARUB6F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM6519AHARUB6F Datasheet HTML 3Page - STMicroelectronics STM6519AHARUB6F Datasheet HTML 4Page - STMicroelectronics STM6519AHARUB6F Datasheet HTML 5Page - STMicroelectronics STM6519AHARUB6F Datasheet HTML 6Page - STMicroelectronics STM6519AHARUB6F Datasheet HTML 7Page - STMicroelectronics STM6519AHARUB6F Datasheet HTML 8Page - STMicroelectronics STM6519AHARUB6F Datasheet HTML 9Page - STMicroelectronics STM6519AHARUB6F Datasheet HTML 10Page - STMicroelectronics STM6519AHARUB6F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
STM6519
Device overview
Doc ID 022111 Rev 6
7/25
2
Device overview
Figure 4.
STM6519 block diagram
Table 1.
Signal names
Pin number
Name
Type
Description
UDFN6
UDFN4
14
RST
Output
Reset output, active-low, open drain.
21
VSS
Supply ground
Ground
32
SR
Input
Smart Reset input, active-low.
43
VCC
Supply voltage
Positive supply voltage for the device. A 0.1 µF decoupling
ceramic capacitor is recommended to be connected between
VCC and VSS pins.
5
-
NC
-
Not connected (not bonded); should be connected to VSS.
6
-
NC
-
Not connected (not bonded); should be connected to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com