Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBR2012T2R2M Datasheet(PDF) 4 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBR2012T2R2M
Description  Notice for TAIYO YUDEN products
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBR2012T2R2M Datasheet(HTML) 4 Page - Taiyo Yuden (U.S.A.), Inc

  LBR2012T2R2M Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
14
▶Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
63
/
■PARTS NUMBER
●2518(1007)type
LB 2518T1R0M
RoHS
1.0
±20%
100
0.06
665
7.96
LB 2518T1R5M
RoHS
1.5
±20%
80
0.07
405
7.96
LB 2518T2R2M
RoHS
2.2
±20%
68
0.09
340
7.96
LB 2518T3R3M
RoHS
3.3
±20%
54
0.11
280
7.96
LB 2518T4R7M
RoHS
4.7
±20%
46
0.13
240
7.96
LB 2518T4R7MR
RoHS
4.7
±20%
46
0.10
235
7.96
LB 2518T6R8M
RoHS
6.8
±20%
38
0.15
195
7.96
LB 2518T100[]
RoHS
10
±10%,±20%
30
0.25
165
2.52
LB 2518T150[]
RoHS
15
±10%,±20%
23
0.32
145
2.52
LB 2518T220[]
RoHS
22
±10%,±20%
19
0.50
115
2.52
LB 2518T330[]
RoHS
33
±10%,±20%
15
0.70
95
2.52
LB 2518T470[]
RoHS
47
±10%,±20%
12
0.95
85
2.52
LB 2518T680[]
RoHS
68
±10%,±20%
9.5
1.5
70
2.52
LB 2518T101[]
RoHS
100
±10%,±20%
9.0
2.1
60
0.796
LB 2518T151[]
RoHS
150
±10%,±20%
7.0
3.2
45
0.796
LB 2518T221[]
RoHS
220
±10%,±20%
5.5
4.5
40
0.796
LB 2518T331[]
RoHS
330
±10%,±20%
4.5
7.0
30
0.796
LB 2518T471[]
RoHS
470
±10%,±20%
3.5
10
25
0.796
LB 2518T681[]
RoHS
680
±10%,±20%
3.0
17
20
0.796
LB 2518T102[]
RoHS
1000
±10%,±20%
2.4
24
15
0.252
LB C2518T1R0M
RoHS
1.0
±20%
100
0.08
775
7.96
LB C2518T1R0MR
RoHS
1.0
±20%
100
0.07
890
7.96
LB C2518T1R5M
RoHS
1.5
±20%
80
0.11
730
7.96
LB C2518T2R2M
RoHS
2.2
±20%
68
0.13
630
7.96
LB C2518T3R3M
RoHS
3.3
±20%
54
0.16
560
7.96
LB C2518T4R7M
RoHS
4.7
±20%
41
0.20
510
7.96
LB C2518T6R8M
RoHS
6.8
±20%
38
0.30
420
7.96
LB C2518T100[]
RoHS
10
±10%,±20%
30
0.36
375
2.52
LB C2518T150[]
RoHS
15
±10%,±20%
23
0.65
285
2.52
LB C2518T220[]
RoHS
22
±10%,±20%
19
0.77
250
2.52
LB C2518T330[]
RoHS
33
±10%,±20%
15
1.5
185
2.52
LB C2518T470[]
RoHS
47
±10%,±20%
12
1.9
165
2.52
LB C2518T680[]
RoHS
68
±10%,±20%
9.5
2.8
140
2.52
LB C2518T101[]
RoHS
100
±10%,±20%
9.0
3.7
125
0.796
LB C2518T151[]
RoHS
150
±10%,±20%
7.0
6.1
95
0.796
LB C2518T221[]
RoHS
220
±10%,±20%
5.5
8.4
80
0.796
LB C2518T331[]
RoHS
330
±10%,±20%
4.5
12.3
65
0.796
LB C2518T471[]
RoHS
470
±10%,±20%
3.5
22
50
0.796
LB C2518T681[]
RoHS
680
±10%,±20%
3.0
28
45
0.796
LB R2518T1R0M
RoHS
1.0
±20%
100
0.045
960
7.96
LB R2518T2R2M
RoHS
2.2
±20%
68
0.07
480
7.96
LB R2518T4R7M
RoHS
4.7
±20%
45
0.10
345
7.96
LB R2518T100[]
RoHS
10
±10%,±20%
30
0.19
235
2.52
LB R2518T220[]
RoHS
22
±10%,±20%
19
0.44
175
2.52
LB R2518T470[]
RoHS
47
±10%,±20%
11
0.84
120
2.52
LB R2518T101[]
RoHS
100
±10%,±20%
9
1.89
80
0.796
●3218(1297)type
LB 3218T1R0M
RoHS
1.0
±20%
100
0.06
1,075
7.96
LB 3218T1R5M
RoHS
1.5
±20%
80
0.07
860
7.96
LB 3218T2R2M
RoHS
2.2
±20%
68
0.09
775
7.96
LB 3218T3R3M
RoHS
3.3
±20%
54
0.11
560
7.96
LB 3218T4R7M
RoHS
4.7
±20%
41
0.13
550
7.96
LB 3218T6R8M
RoHS
6.8
±20%
40
0.17
380
7.96
LB 3218T100[]
RoHS
10
±10%,±20%
30
0.25
340
2.52
LB 3218T150[]
RoHS
15
±10%,±20%
25
0.32
300
2.52
LB 3218T220[]
RoHS
22
±10%,±20%
19
0.49
255
2.52
LB 3218T330[]
RoHS
33
±10%,±20%
15
0.75
215
2.52
LB 3218T470[]
RoHS
47
±10%,±20%
12
0.92
205
2.52
LB 3218T680[]
RoHS
68
±10%,±20%
11
1.49
145
2.52
LB 3218T101[]
RoHS
100
±10%,±20%
8.0
2.4
140
0.796
LB 3218T151[]
RoHS
150
±10%,±20%
7.0
3.2
105
0.796
LB 3218T221[]
RoHS
220
±10%,±20%
5.0
5.4
80
0.796
LB 3218T331[]
RoHS
330
±10%,±20%
4.0
7.0
65
0.796
LB 3218T471[]
RoHS
470
±10%,±20%
3.5
14
54
0.796
LB 3218T681[]
RoHS
680
±10%,±20%
3.0
17
45
0.796
LB 3218T102[]
RoHS
1000
±10%,±20%
2.4
27
39
0.252
・ [] Please specify the Inductance tolerance code(K or M)
Rated current
[mA](max.)
Measuring frequency
[MHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
Rated current
[mA](max.)
Measuring frequency
[MHz]
Rated current
[mA](max.)
Measuring frequency
[MHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
Rated current
[mA](max.)
Measuring frequency
[MHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
i_wound_LB_e-E02R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com