Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDC30F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LDC30F
Description  Universal input (AC85-264V)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LDC30F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LDC30F Datasheet HTML 1Page - List of Unclassifed Manufacturers LDC30F Datasheet HTML 2Page - List of Unclassifed Manufacturers LDC30F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Home > Product Details
LDC30F
Model
Input
Voltage
[V]
Output
Wattage
[W]
DC
Output
[V/A]
LDC30F-1
DC 110 -
370
AC 85 - 264
33
-12 - 12V
0.3 - 3A
(peak 4.5A)
LDC30F-2
DC 110 -
370
AC 85 - 264
34.5
-15 - 15V
0.3 - 3A
(peak 4.5A)
Features
Universal input (AC85-264V)
Small and compact PCB construction
UL recognized, TV approved, CSA certified
Built-in Inrush Current Protection
Built-in Over Current Protection
Built-in Over Voltage Protection
RoHS Compliant
Safety Agency Approvals
Complies with DEN-AN
UL1950, CSA C22.2 No.234, EN60950, VDE0160
EMI Compliance
FCC-B
CISPR22-B
EN55022-B
VCCI-B
2 year warranty(refer to Instruction Manual)


Similar Part No. - LDC30F

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
LDC30F COSEL-LDC30F Datasheet
774Kb / 6P
AC-DC Power Supplies Open Frame/Enclosed Type
March 13, 2019
LDC30F-1 COSEL-LDC30F-1 Datasheet
774Kb / 6P
AC-DC Power Supplies Open Frame/Enclosed Type
March 13, 2019
LDC30F-1-C COSEL-LDC30F-1-C Datasheet
774Kb / 6P
AC-DC Power Supplies Open Frame/Enclosed Type
March 13, 2019
LDC30F-1-G COSEL-LDC30F-1-G Datasheet
774Kb / 6P
AC-DC Power Supplies Open Frame/Enclosed Type
March 13, 2019
LDC30F-1-GY COSEL-LDC30F-1-GY Datasheet
774Kb / 6P
AC-DC Power Supplies Open Frame/Enclosed Type
March 13, 2019
More results

Similar Description - LDC30F

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPT25 EMERSON-NETWORKPOWER-LPT25 Datasheet
102Kb / 3P
Universal input
LPT40 EMERSON-NETWORKPOWER-LPT40 Datasheet
541Kb / 3P
Universal input
logo
List of Unclassifed Man...
LDA100W-48 ETC2-LDA100W-48 Datasheet
192Kb / 3P
Input range LDA10 - 75F (AC85 - 264V)
LDA50F-24 ETC2-LDA50F-24 Datasheet
189Kb / 3P
Input range LDA10 - 75F (AC85 - 264V)
TC-700PL ETC2-TC-700PL Datasheet
177Kb / 4P
AC Input Voltage: 90~264V
TC-800PL ETC2-TC-800PL Datasheet
178Kb / 4P
AC Input Voltage: 90~264V
TC-900PL ETC2-TC-900PL Datasheet
187Kb / 4P
AC Input Voltage: 90~264V
TC-1000PL ETC2-TC-1000PL Datasheet
187Kb / 4P
AC Input Voltage: 90~264V
logo
Altech corporation
PSC-40 ALTECH-PSC-40 Datasheet
769Kb / 2P
Universal AC input (88-264V AC)
logo
ETA-USA
DTM-SX-SP ETA-USA-DTM-SX-SP Datasheet
1Mb / 2P
15W Universal input 90~264V AC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com