Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPC-100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NPC-100
Description  NovaSensor Disposable Medical Pressure Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NPC-100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NPC-100 Datasheet HTML 1Page - List of Unclassifed Manufacturers NPC-100 Datasheet HTML 2Page - List of Unclassifed Manufacturers NPC-100 Datasheet HTML 3Page - List of Unclassifed Manufacturers NPC-100 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Value
Units
Notes
General
Pressure Ranges
–30 to 300
mmHg
–0.58 psi to 5.8 psi
Overpressure
125
psi
minimum
Electrical @ 72°F (22°C) Unless Otherwise Stated
Input Excitation
1 to 10
VDC
Calibrated for 6 VDC
DielectricBreakdown
10,000
VDC
5
Risk Current
2
µA
Maximum (per AAMI), 5
Input Impedance
1800 to 3300
Ω
Output Impedance
285 to 315
Ω
Environmental
Temperature
Compensated
15°C to 40°C
°C
(59° to 104°F)
Operating
15°C to 40°C
°C
(59° to 104°F)
Storage
–25°C to 70°C
°C
(–13° to 158°F)
Humidity
10 to 90
%
Light Sensitivity
1
mmHg
maximum (per AAMI BP22)
Operating Product Life
168
hours
Shelf Life
3
years
Mechanical
Weight
<0.0044
lb
(<2 g)
Media Interface
Medical grade, dielectric gel
Gel Tube Interface
Material
Polycarbonate
Parameter
Units
Minimum
Type
Maximum
Notes
Performance Parameters*
Offset
mmHg
–25
0
25
Sensitivity
µV/V/mmHg
4.95
5
5.05
Calibration
mmHg
97.5
100
102.5
2
Symmetry
%
±5
Linearity (–30 to 100 mmHg) mmHg
1
6
Linearity (100 to 200 mmHg) % output
1
6
Linearity (200 to 300 mmHg) % output
1.5
6
ThermalCoefficientOffset
mmHg/°C
±0.3
3
ThermalCoefficientSpan
%/°C
±0.1
3
Frequency Response
Hz
1200
5
Phase Shift
degrees
5
5
OffsetDrift
mmHg/8 hrs
1
4,5
* 1. All values measured at 6 VDC and 71.6°F (22°C) and after five second warm up unless
otherwise specified.
2. Output of sensor with no pressure applied and a 150 kW resistor shorted across
+IN to +OUT.
3. Over a temperature range of 59°F to 104°F (15°C to 40°C).
4. Normalized offset/bridge voltage—8 hours after 20 seconds. warm-up.
5. Previously qualified, not tested in production.
6. Deviation from straight line drawn through zero and 100 mmHg data points.
7. These sensors are compatible with ETO (ethylene oxide) sterilization. The user is
responsible for establishing and validating suitable process conditions to prevent damage to
the sensor.
NPC-100 and NPC-120
SeriesSpecifications
The NovaSensor NPC-100 and NPC-120 Series
pressuresensorarespecificallydesignedforusein
disposable medical applications. The devices are
compensated and calibrated per the Association
for the Advancement of Medical Instrumentation
(AAMI) guidelines for industry acceptability. The
sensors integrate a high-performance, pressure
sensordiewithtemperaturecompensation
circuitryandgelprotectioninasmall,low-cost
package.
The NPC-100 and NPC-120 Series are
manufactured in a class 1000 clean-room to
minimize possible sources of contamination. A
specially designed silicon micromachined sensing
element is used to meet or exceed all industry
requirementswhileminimizingassemblyand
testcostformaximumcustomervalue.Thick-film
laser-trimmingisemployedforfinalcompensation
and calibration. Sensitivity is maintained to ±1%
and linearity is better than 1% in the physiological
operating pressure range.
The NPC-100 and NPC-120 Series are batch-
manufactured in ceramic plate form and shipped
as an intact array or in Tape and Reel for easy
customer automation. This assembly method
drawsfromwell-establishedmanufacturing
techniques used in the electronics industry in order
to produce a quality, high volume product.
NPC-100 Series pressure sensor port interface
NPC-100 Series package diagram
0.160 in to 0.170 in
(4.06 mm to 4.32 mm)
0.320 in +0.010/-0.002
(8.13 mm +0.25/-0.05)
0.010 in
(0.25 mm)
0.017 in
(0.43 mm)
0.109 in to 0.119 in
(2.77 mm to 3.02 mm)
Pressure
port
Dielectric gel
Vent hole
Polycarbonate
gel tube2
Contact pads
1
1
1. Tolerances reflect typical flaring during the singulation process.
NPC-120 Series pressure sensor port interface
0.236 in to 0.246 in
(5.99 mm to 6.25 mm)
0.285 in to 0.289 in
(7.24 mm to 7.34 mm)
0.142 in to 0.145 in
(3.61 mm to 3.68 mm)
Radius 0.005 in
(0.13 mm) maximum
0.049 in to 0.052 in
(1.24 mm to 1.32 mm)
0.189 in to 0.192 in
(4.80 mm to 4.88 mm)
Material is clear Polycarbonate.
(2.22 mm to 2.30 mm)
0.0875 in to 0.0905 in
0.049 in to 0.052 in
(1.24 mm to 1.32 mm)
0.124 in to 0.126 in
(3.14 mm to 3.20 mm)
Radius 0.005 in
(0.13 mm) maximum
0.236 in to 0.246 in
(5.99 mm to 6.25 mm)
0.285 in to 0.289 in
(7.24 mm to 7.34 mm)
0.142 in to 0.145 in
(3.61 mm to 3.68 mm)
Material is clear Polycarbonate.
0.0875 in to 0.0905 in
(2.22 mm to 2.30 mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com