Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV12825 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV12825
Description  OV12825 12.6-megapixel product brief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV12825 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV12825 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV12825 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
Cellular and Mobile Phones
Digital Still Cameras (DSC)
¬ Digital Video Camcorders (DVC)
Applications
¬
¬
¬
¬
¬
¬
ultra high performance
automatic image control functions:
- automatic exposure control (AEC)
- automatic gain control (AGC)
- automatic white balance (AWB)
- automatic band filter (ABF)
- automatic 50/60 Hz frequency detection
- automatic black level calibration (ABLC)
programmable controls for frame rate,
mirror and flip, cropping, and windowing
image quality controls: lens correction
and defective pixel canceling
support for output formats:
10/12-bit RAW RGB data (DVP),
10/12-bit RAW RGB data (MIPI/LVDS),
CCIR656
support for horizontal and
vertical subsampling
support for images sizes: 12.6 Mpixel,
EIS1080p, 1080p, EIS720p, 720p,
VGA, etc.
support for binning
standard serial SCCB interface
digital video port (DVP) parallel
output interface
LVDS serial output interface
MIPI serial output interface
embedded one-time programmable
(OTP) memory for part identification,
etc.
on-chip phase lock loop (PLL)
programmable I/O drive capability
built-in 1.5 V regulator for core
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
Product Features
¬
OV12825-G04A
(color, chip probing, 200 µm backgrinding,
reconstructed wafer with good die)
¬
OV12825-A16A
(color, lead-free, 116-pin CSP3)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
active array size: 4224 x 3000
power supply:
- core: 1.5 VDC ±5% (internal regulator
optional)
- analog: 2.6 ~ 3.0 V (2.8 V typical)
- I/O: 1.7 ~ 3.0 V (1.8 V/2.8 V typical)
power requirements:
- active: 230 mW
- standby: 40 µA
- power down: 40 µA
temperature range:
- operating: -30°C to 70°C junction
temperature
- stable image: 0°C to 50°C junction
temperature
output formats: 10/12-bit RGB RAW
(DVP), 10/12-bit RGB RAW (MIPI/LVDS)
lens size: 1/2.5"
lens chief ray angle: 28.2° non-linear
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
input clock frequency: 6 ~ 27 MHz
max S/N ratio: 35 dB
dynamic range: 71 dB @ 8x gain
maximum image transfer rate:
- 12.6M (10-bit): 15 fps
- EIS1080p (10-bit): 60 fps
sensitivity: 650 mV/lux-sec
scan mode: progressive
maximum exposure interval: 3018 x tROW
pixel size: 1.4 µm x 1.4 µm
dark current: 9 mV/s @ 60°C junction
temperature
image area: 5958.4 µm x 4216.8 µm
package/die dimensions:
- CSP3: 8935 µm x 6975 µm
- COB: 8950 µm x 6990 µm
Product Specifications
Version 1.0, April, 2011
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision and the OmniVision logo are registered trademarks of
OmniVision Technologies, Inc. OmniBSI is a trademark of OmniVision Technologies, Inc. All other
trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV12825
Functional Block Diagram
OV12825
image output
interface
image sensor
processor
image sensor core
column
sample/hold
PLL
PLLS
control register bank
SCCB slave interface
timing generator and system control logic
image
array
gain
control
AMP
12-bit
ADC
MCP/MCN
MDP/N[3:0]
LCP/LCN
LDP/N[3:0]
D[11:0]
5060 auto
detection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com