Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB151 Datasheet(PDF) 1 Page - Dc Components

Part # MB151
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

MB151 Datasheet(HTML) 1 Page - Dc Components

  MB151 Datasheet HTML 1Page - Dc Components MB151 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Metal case for Maximum Heat Dissipation
* Surge overload ratings-300 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MB-25
VOLTAGE RANGE - 50 to 1000 Volts
CURRENT - 15 Amperes
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
* Case: Metal case, electrically isolated
MECHANICAL DATA
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: Plated .25"(6.35mm) Faston lugs, Solderable per
MIL-STD-202E, Method 208 guaranteed
* Polarity: As marked
* Mounting position: Any
* Weight: 30 grams
KBPC
MB
15005
1505
THRU
KBPC
MB
1510
1510
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
SYMBOL
VRRM
VDC
IO
IFSM
VRMS
Volts
Volts
Amps
15.0
300
UNITS
Maximum Average Forward Rectified Output Current at Tc = 55
oC
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
50
200
400
100
600
800
1000
Volts
Amps
Operating and Storage Temperature Range
T J,TSTG
-55 to + 175
0C
DC Blocking Voltage per element
VF
1.1
500
uAmps
Maximum DC Reverse Current at Rated
Maximum Forward Voltage Drop per element at 7.5A DC
Volts
@TA = 25
oC
@TC = 100
oC
10
I
2t Rating for Fusing (t<8.3ms)
I
2t
374
A
2Sec
Typical Junction Capacitance ( Note1)
CJ
40
pF
Typical Thermal Resistance (Note 2)
R
θJA
19
0C/W
NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts
2. Thermal Resistance from Junction to Ambient and from junction to lead mounted on P.C.B. with 0.47 x 0.47" (12x12mm) copper pads.
MB1505 MB151
MB152
MB154
MB156
MB158
MB1510
KBPC
KBPC
KBPC
KBPC
KBPC
KBPC
KBPC
15005
1501
1502
1504
1506
1508
1510
IR
Dimensions in inches and (millimeters)
* Low forward voltage drop
260
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - MB151

ManufacturerPart #DatasheetDescription
logo
Bytes
MB151 BYTES-MB151 Datasheet
156Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Formosa MS
MB151 FORMOSA-MB151 Datasheet
41Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MB151 MCC-MB151 Datasheet
77Kb / 2P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Wing Shing Computer Com...
MB151 WINGS-MB151 Datasheet
225Kb / 2P
SINGLE - PHASE SILICON BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB151 TAITRON-MB151 Datasheet
144Kb / 4P
15A Single-Phase Bridge Rectifier
More results

Similar Description - MB151

ManufacturerPart #DatasheetDescription
logo
Dc Components
BR2505 DCCOM-BR2505 Datasheet
433Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR5005 DCCOM-BR5005 Datasheet
430Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBH2A DCCOM-KBH2A Datasheet
356Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC6005 DCCOM-KBPC6005 Datasheet
439Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR3505L DCCOM-BR3505L Datasheet
186Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR1505L DCCOM-BR1505L Datasheet
186Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR1505 DCCOM-MBR1505 Datasheet
288Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR1505W DCCOM-MBR1505W Datasheet
263Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR2505 DCCOM-MBR2505 Datasheet
288Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR2505W DCCOM-MBR2505W Datasheet
263Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com