Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP232W Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OP232W
Description  Hermetic Infrared Emitting Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP232W Datasheet(HTML) 1 Page - OPTEK Technologies

  OP232W Datasheet HTML 1Page - OPTEK Technologies OP232W Datasheet HTML 2Page - OPTEK Technologies OP232W Datasheet HTML 3Page - OPTEK Technologies OP232W Datasheet HTML 4Page - OPTEK Technologies OP232W Datasheet HTML 5Page - OPTEK Technologies OP232W Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A .2
01/09
Page 1 of 6
Hermetic Infrared Emitting Diode
OP230 Series
Description:
Each device in this series is a gallium aluminum arsenide (GaAIAs) infrared emitting diode, mounted in a hermetic
metal TO-46 housing. The gallium aluminum arsenide feature provides a higher radiated output than gallium
arsenide at the same forward current.
Each OP231, OP232, OP233, OP234 and OP235 device is lensed to provide a narrow beam angle (18°) between
half power points. The 890 nm wavelength closely matches the spectral response of silicon phototransistors, while
the narrow beam angle – combined with the specified radiant intensity of the OP231 series – facilitates easy
design in beam interrupt applications in conjunction with the OP800 or OP598 series photosensors. The OP231
series is mechanically and spectrally matched to OP800, OP593 and OP598 phototransistors.
Each OP231W, OP232W, OP233W, OP234W and OP235W device is lensed to provide a wide beam angle (50°)
between half power points. The 890 nm wavelength closely matches the spectral response of silicon photo-
transistors, while the wide beam angle provides relatively even illumination over a large area. The OP231W is
mechanically and spectrally matched to the OP800WSL and OP830SL series devices.
Please refer to Application Bulletins 208 and 210 for additional design information and reliability (degradation) data.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for
more information.
Features:
• Focused and non-focused optical light pattern
• Enhanced temperature range
• TO-46 hermetically sealed package
• Mechanically and spectrally matched to other OPTEK devices
• Choice of power ranges
• Choice of narrow or wide irradiance pattern
Applications:
• Non-contact reflective object sensor
• Assembly line automation
• Machine automation
• Machine safety
• End of travel sensor
• Door sensor
“W”
Series
RoHS
Ordering Information
Part
Number
LED Peak
Wavelength
Output Power
(mW/cm
2)
Min / Max
Total Beam
Angle
Lead
Length
0.50"
OP231
890 nm
1.5 / NA
18°
OP232
2.0 / 6.0
OP233
3.0 / NA
OP234
5.0 / NA
OP235
6.0 / NA
OP231W
1.5 / NA
50°
OP232W
3.5 / 7.0
OP233W
5.0 / NA
OP234W
5.0 / NA
OP235W
6.0 / NA


Similar Part No. - OP232W

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP232W OPTEK-OP232W Datasheet
324Kb / 2P
GaAs HERMETIC INFRARED EMITTING DIODES
OP232W OPTEK-OP232W Datasheet
305Kb / 6P
Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP232W TTELEC-OP232W Datasheet
344Kb / 6P
Hermetic Infrared Emitting Diode
More results

Similar Description - OP232W

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP130 OPTEK-OP130_06 Datasheet
264Kb / 4P
Hermetic Infrared Emitting Diode
OP123 OPTEK-OP123_14 Datasheet
396Kb / 4P
Hermetic Infrared Emitting Diode
OP130 OPTEK-OP130_14 Datasheet
234Kb / 4P
Hermetic Infrared Emitting Diode
OP215A OPTEK-OP215A_14 Datasheet
241Kb / 3P
Hermetic Infrared Emitting Diode
OP223 OPTEK-OP223_14 Datasheet
396Kb / 4P
Hermetic Infrared Emitting Diode
OP235 OPTEK-OP235_14 Datasheet
305Kb / 6P
Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP230 TTELEC-OP230 Datasheet
344Kb / 6P
Hermetic Infrared Emitting Diode
OP123 TTELEC-OP123 Datasheet
343Kb / 4P
Hermetic Infrared Emitting Diode
OP215 TTELEC-OP215 Datasheet
837Kb / 3P
Hermetic Infrared Emitting Diode
OP230WPS TTELEC-OP230WPS Datasheet
304Kb / 3P
Point Source Hermetic Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com